Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5159 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5159
Description  Programmable Current Limit 關Cap LDO Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5159_06 Datasheet HTML 6Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 7Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 8Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 9Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 10Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 11Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 12Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 13Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Micrel, Inc.
MIC5159
June 2006
10
M9999-062706
Designing with MIC5159
The following section details:
Application examples of possible input/output
configurations
with
related
schematics
designator.
Schematics
with
“Bill
of
Materials”
recommendation, dropout performance and
maximum
output
current
for
each
FET
combination.
Further advice on MOSFET selection.
3.3VIN to 2.5VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
1.0A
10µF
Si4433DY
SO-8
C
2.5A
22µF
Si4433DY x2
SO-8
D
2.5A
10µF
SUB15P01-52
D2PAK
H
3.5A
44µF
Si4433DY x3
SO-8
E
5.0A
44µF
Si4433DY x4
SO-8
F
5.0A
22µF
SUB15P01-52 x2
D2PAK
I
7.5A
44µF
SUB15P01-52 x3
D2PAK
J
10.0A
44µF
SUB15P01-52 x4
D2PAK
K
3.3VIN to 1.8VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
0.6A
10µF
Si4433DY
SO-8
C
1.25A
22µF
Si4433DY x2
SO-8
D
1.25A
10µF
SUB15P01-52
D2PAK
H
2.0A
44µF
Si4433DY x3
SO-8
E
2.5A
44µF
Si4433DY x4
SO-8
F
2.5A
22µF
SUB15P01-52 x2
D2PAK
I
3.75A
44µF
SUB15P01-52 x3
D2PAK
J
5.0A
44µF
SUB15P01-52 x4
D2PAK
K
3.3VIN to 1.5VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
0.5A
10µF
Si4433DY
SO-8
C
1.0A
22µF
Si4433DY x2
SO-8
D
1.0A
10µF
SUB15P01-52
D2PAK
H
1.5A
44µF
Si4433DY x3
SO-8
E
2.0A
44µF
Si4433DY x4
SO-8
F
2.0A
22µF
SUB15P01-52 x2
D2PAK
I
3.0A
44µF
SUB15P01-52 x3
D2PAK
J
4.25A
44µF
SUB15P01-52 x4
D2PAK
K
3.3VIN to 1.25VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
0.4A
10µF
Si4433DY
SO-8
C
0.75A
22µF
Si4433DY x2
SO-8
D
0.75A
10µF
SUB15P01-52
D2PAK
H
1.25A
44µF
Si4433DY x3
SO-8
E
1.75A
44µF
Si4433DY x4
SO-8
F
1.75A
22µF
SUB15P01-52 x2
D2PAK
I
2.75A
44µF
SUB15P01-52 x3
D2PAK
J
3.75A
44µF
SUB15P01-52 x4
D2PAK
K
2.5VIN to 1.8VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
1.25A
10µF
Si4433DY
SO-8
C
2.5A
22µF
Si4433DY x2
SO-8
D
2.5A
10µF
SUB15P01-52
D2PAK
H
4.0A
44µF
Si4433DY x3
SO-8
E
5.5A
44µF
Si4433DY x4
SO-8
F
5.5A
22µF
SUB15P01-52 x2
D2PAK
I
8.0A
44µF
SUB15P01-52 x3
D2PAK
J
11.0A
44µF
SUB15P01-52 x4
D2PAK
K
2.5VIN to 1.5VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
1.0A
10µF
Si4433DY
SO-8
C
2.0A
22µF
Si4433DY x2
SO-8
D
2.0A
10µF
SUB15P01-52
D2PAK
H
3.0A
44µF
Si4433DY x3
SO-8
E
4.0A
44µF
Si4433DY x4
SO-8
F
4.0A
22µF
SUB15P01-52 x2
D2PAK
I
6.0A
44µF
SUB15P01-52 x3
D2PAK
J
8.0A
44µF
SUB15P01-52 x4
D2PAK
K
2.5VIN to 1.25VOUT Conversion
IOUT
COUT
MOSFET
Package
Schematic
0.75A
10µF
Si4433DY
SO-8
C
1.5A
22µF
Si4433DY x2
SO-8
D
1.5A
10µF
SUB15P01-52
D2PAK
H
2.0A
44µF
Si4433DY x3
SO-8
E
3.0A
44µF
Si4433DY x4
SO-8
F
3.0A
22µF
SUB15P01-52 x2
D2PAK
I
4.5A
44µF
SUB15P01-52 x3
D2PAK
J
6.0A
44µF
SUB15P01-52 x4
D2PAK
K


Similar Part No. - MIC5159_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159-1.8BM6 MICREL-MIC5159-1.8BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159-3.0BM6 MICREL-MIC5159-3.0BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159BM6 MICREL-MIC5159BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results

Similar Description - MIC5159_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com