Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5190 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5190
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5190 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5190 Datasheet HTML 1Page - Micrel Semiconductor MIC5190 Datasheet HTML 2Page - Micrel Semiconductor MIC5190 Datasheet HTML 3Page - Micrel Semiconductor MIC5190 Datasheet HTML 4Page - Micrel Semiconductor MIC5190 Datasheet HTML 5Page - Micrel Semiconductor MIC5190 Datasheet HTML 6Page - Micrel Semiconductor MIC5190 Datasheet HTML 7Page - Micrel Semiconductor MIC5190 Datasheet HTML 8Page - Micrel Semiconductor MIC5190 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC5190
Micrel
MIC5190
Ultra High-Speed, High-Current Active Filter/LDO Controller
General Description
The MIC5190 is an ultra high-speed linear regulator. It uses
an external N-Channel FET as its power device.
The MIC5190 offers ultra high-speed to cope with the fast
load demands of microprocessor cores, ASICs, and other
high-speed devices. Signal bandwidths of greater than 500kHz
can be achieved with a minimum amount of capacitance
while at the same time keeping the output voltage clean,
regardless of load demand. A powerful output driver delivers
large MOSFETs into their linear regions, achieving ultra-low
dropout voltage.
1.25V
IN±10% can be turned into 0.9V ±1% without the use of
a large amount of capacitance.
MIC5190 (0.5V reference) is optimized for output voltages of
below 1.0V.
The MIC5190 is offered in 10-lead 3mm
× 3mm MLF™ and
10-lead MSOP-10 packages and has an operating junction
temperature range of –40
°C to +125°C.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
Features
• Input voltage range:
V
IN = 0.9V to 5.5V
• +1.0% initial output tolerance
• Dropout down to 25mV@10A
• Filters out switching frequency noise on input
• Very high large signal bandwidth >500kHz
• PSRR >40dB at 500kHz
• Adjustable output voltage down to 0.5V
• Stable with any output capacitor
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Current limit protection
•3mm
× 3mm 10-lead MLF™ and MSOP-10 packages
• Available –40
°C to +125°C junction temperature
Applications
• Distributed power supplies
• ASIC power supplies
• DSP,
µP, and µC power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
PowerPAK is a trademark of Siliconix, Inc.
VIN
SGND
PGND
IS
IR3716S
OUT
VCC1
R1
100Ω
C3
0.01
µF
C2
10
µF
R2
125Ω
FB
GND
VOUT = 0.9V@7A
GND
VCC2
EN
COMP
MIC5190
R3
12.5kΩ
C1
0.01
µF
VIN =1.2V
VCC = 12V
December 2005
1
M9999-120105


Similar Part No. - MIC5190

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5190 MICREL-MIC5190 Datasheet
169Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
More results

Similar Description - MIC5190

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5191 MICREL-MIC5191_06 Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191 MICREL-MIC5191 Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190 MICREL-MIC5190 Datasheet
169Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5191 MICREL-MIC5191_11 Datasheet
850Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC59300 MICREL-MIC59300 Datasheet
443Kb / 15P
   Ultra High Speed 3A LDO
logo
Torex Semiconductor
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
logo
Hittite Microwave Corpo...
HMC980LP4E_1109 HITTITE-HMC980LP4E_1109 Datasheet
1Mb / 22P
   ACTIVE BIAS CONTROLLER HIGH CURRENT
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com