Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5060YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5060YML
Description  Ultra Small High-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5060YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5060YML Datasheet HTML 1Page - Micrel Semiconductor MIC5060YML Datasheet HTML 2Page - Micrel Semiconductor MIC5060YML Datasheet HTML 3Page - Micrel Semiconductor MIC5060YML Datasheet HTML 4Page - Micrel Semiconductor MIC5060YML Datasheet HTML 5Page - Micrel Semiconductor MIC5060YML Datasheet HTML 6Page - Micrel Semiconductor MIC5060YML Datasheet HTML 7Page - Micrel Semiconductor MIC5060YML Datasheet HTML 8Page - Micrel Semiconductor MIC5060YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5060
Ultra Small High-Side MOSFET Driver
MLF is a registered trademark of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2010
M9999-021610-C
General Description
The MIC5060 MOSFET driver is designed for gate control
of N-Channel, enhancement-mode, and power MOSFETs
used as high-side or low-side switches. The MIC5060 can
sustain an on-state output indefinitely.
The MIC5060 operates from a 2.75V to 30V supply. In
high-side configurations, the driver can control MOSFETs
that switch loads of up to 30V. In low-side configurations,
with separate supplies, the maximum switched voltage is
limited only by the MOSFET.
The MIC5060 has a non-inverting, TTL-compatible control
input.
The MIC5060 features an internal charge pump that can
sustain a gate voltage greater than the available supply
voltage. The driver is capable of turning on a logic-level
MOSFET from a 2.75V supply or a standard MOSFET
from a 5V supply. The gate-to-source output voltage is
internally limited to approximately 15V.
The MIC5060 is protected against automotive load dump,
reversed battery, and inductive load spikes of –20V.
The driver’s overvoltage shutdown feature turns off the
external MOSFET at approximately 35V to protect the load
against power supply excursions.
The MIC5060 is available in 3mm x 3mm MLF
® package.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.75V to 30V operation
• 100µA maximum supply current (5V supply)
• 15µA typical off-state current
• Internal charge pump
• TTL-compatible input
• Withstands 60V transient (load dump)
• Reverse battery protected to –20V
• Inductive spike protected to –20V
• Overvoltage shutdown at 35V
• Internal 15V gate protection
• Minimum external parts
• Operates in high-side or low-side configurations
• 1µA control input pull-off
• Available in 8-pin 3mm x 3mm MLF® package
Applications
• Notebook Battery safety switches
• UMPC and Web Tablet Battery protection
• Battery-powered computer power management
• General MOSFET switch applications
• Power bus switching
_________________________________________________________________________________________________________________________
Typical Application
3V “Sleep-Mode” Switch with a Logic-Level MOSFET


Similar Part No. - MIC5060YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5060YML-TR MICROCHIP-MIC5060YML-TR Datasheet
1Mb / 24P
   Ultra-Small High-Side MOSFET Driver
09/14/21
More results

Similar Description - MIC5060YML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
   Ultra-Small High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
logo
Rohm
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
   TRIPLE HIGH-SIDE MOSFET DRIVER
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
   Triple high-side MOSFET driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com