Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5366-2.0YC5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5366-2.0YC5
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5366-2.0YC5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5366-2.0YC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5366-2.0YC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
MIC5365/6
September 2009
5
M9999-090109-C
Pin Configuration
1
2
4
3
Top View
VOUT
GND
EN
VIN
EN GND
NC
VOUT
VIN
3
1
5
2
4
4-Pin 1mm x 1mm Thin MLF
® (MT)
Fixed Version
5-Pin SC-70 (C5)
Fixed Version
Pin Description
Pin Number
Pin Name
Thin MLF-4
Pin Name
SC-70-5
Pin Function
1
VOUT
Output Voltage.
1
VIN
Supply Input.
2
GND
GND
Ground
3
EN
EN
Enable Input: Active High. High = ON; Low = OFF. Do not leave floating.
4
VIN
Supply Input.
4
NC
No connect. Not internally connected.
5
VOUT
Output Voltage.
EP
HS Pad
NA
Exposed Heatsink Pad.


Similar Part No. - MIC5366-2.0YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5366 MICREL-MIC5366 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5366-2.0YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com