Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5016 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5016
Description  Low-Cost Dual High- or Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5016 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5016 Datasheet HTML 3Page - Micrel Semiconductor MIC5016 Datasheet HTML 4Page - Micrel Semiconductor MIC5016 Datasheet HTML 5Page - Micrel Semiconductor MIC5016 Datasheet HTML 6Page - Micrel Semiconductor MIC5016 Datasheet HTML 7Page - Micrel Semiconductor MIC5016 Datasheet HTML 8Page - Micrel Semiconductor MIC5016 Datasheet HTML 9Page - Micrel Semiconductor MIC5016 Datasheet HTML 10Page - Micrel Semiconductor MIC5016 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC5016/5017
Micrel
October 1998
7
MIC5016/5017
1/2 MIC5016
OFF
ON
IRFZ40
24V
Gate
Gnd
Source
Input
V+
5k
1N4005
ASCO
8320A
Solenoid
Typical Applications
Variable Supply Low Side Driver for Motor Speed Control
(Figure 6) The internal regulation in the MIC5016/17 allows
a steady gate enhancement to be supplied while the MIC5016/
17 supply varies from 5V to 30V, without damaging the
internal gate to source zener clamp. This allows the speed of
the DC motor shown to be varied by varying the supply
voltage.
Figure 6: DC Motor Speed Control/Driver
Solenoid Valve Driver (Figure 7) High power solenoid valves
are used in many industrial applications requiring the timed
dispensing of chemicals or gases. When the solenoid is
activated, the valve opens (or closes), releasing (or stopping)
fluid flow. A solenoid valve, like all inductive loads, has a
considerable “kickback” voltage when turned off, as current
cannot change instantaneously through an inductor. In most
applications, it is acceptable to allow this voltage to momen-
tarily turn the MOSFET back on as a way of dissipating the
inductor's current. However, if this occurs when driving a
solenoid valve with a fast switching speed, chemicals or
gases may inadvertantly be dispensed at the wrong time with
possibly disasterous consequences. Also, too large of a
kickback voltage (as is found in larger solenoids) can damage
the MIC5016 or the power FET by forcing the Source node
below ground (the MIC5016 can be driven up to 20V below
ground
before this happens).
A catch diode has been
included in this design to provide an alternate route for the
inductive kickback current to flow. The 5k
Ω resistor in series
with this diode has been included to set the recovery time of
the solenoid valve.
Figure 7: Solenoid Valve Driver
Figure 5. High Side Driver with Delayed Overcurrent Shutdown
1/2 MIC5017
Gate
Gnd
Source
Input
V+
10µF
R4
1k
R
S
0.06
12V
On
R1
1k
R2
120k
LM301A
2.2k
0.01µF
LM3905N
1
2
3
4
8
7
6
5
Logic
V+
Gnd
R/C
V
REF
Trigger
Emit
Coll
12V
1000pF
1k
1/2 MIC5017
OFF
ON
IRF540
VCC = +5V to +30V
Gate
Gnd
Source
Input
V+
M


Similar Part No. - MIC5016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5016BN MICREL-MIC5016BN Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5016BWM MICREL-MIC5016BWM Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
   Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com