Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5159 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5159
Description  Programmable Current Limit 關Cap LDO Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5159 Datasheet HTML 1Page - Micrel Semiconductor MIC5159 Datasheet HTML 2Page - Micrel Semiconductor MIC5159 Datasheet HTML 3Page - Micrel Semiconductor MIC5159 Datasheet HTML 4Page - Micrel Semiconductor MIC5159 Datasheet HTML 5Page - Micrel Semiconductor MIC5159 Datasheet HTML 6Page - Micrel Semiconductor MIC5159 Datasheet HTML 7Page - Micrel Semiconductor MIC5159 Datasheet HTML 8Page - Micrel Semiconductor MIC5159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC5159
June 2006
2
M9999-062706
Ordering Information
Part Number
Standard
Pb-Free
Marking
Voltage*
Junction
Temp. Range
Package
MIC5159BM6
MIC5159YM6
LZAA
Adj.
–40° to +125°C
SOT-23-6
MIC5159-1.8BM6
MIC5159-1.8YM6
LZ18
1.8V.
–40° to +125°C
SOT-23-6
MIC5159-3.0BM6
MIC5159-3.0YM6
LZ30
3.0V
–40° to +125°C
SOT-23-6
Note:
Other Voltage available. Contact Micrel for details.
Pin Configuration
IN GND
GATE
IS
13
4
6
ADJ
LZAA
5
EN
2
Pin 1
Index
IN GND
GATE
IS
13
4
6
OUT
LZxx
5
EN
2
Pin 1
Index
SOT-23-6 (M6)
Adjustable Voltage Version
SOT-23-6 (M6)
Fixed Voltage Version
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Input Voltage.
2
GND
Ground.
3
IS
Current Sense: IS must be tied to VIN pin if the current limit feature is not used.
4
GATE
Gate drive of the external P-Channel MOSFET.
5
EN
Enable Input: Logic Level ON/OFF control. Logic high = ON; logic low = OFF.
ADJ
Adjustable Regulator Feedback Input: Connect to resistor voltage divider.
6
OUT
Output Voltage: Connect to drain of P-Channel MOSFET to regulate output to
proper voltage.


Similar Part No. - MIC5159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159-1.8BM6 MICREL-MIC5159-1.8BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159-3.0BM6 MICREL-MIC5159-3.0BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159BM6 MICREL-MIC5159BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results

Similar Description - MIC5159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com