Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209-3.0YM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5209-3.0YM
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.0YM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5209-3.0YM Datasheet HTML 1Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 2Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 3Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 4Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.0YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
June 2006
3
M9999-060906
MIC5209
Micrel, Inc.
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
OUT
BYP
MIC5209-x.xBM
SO-8
Fixed Voltages
1
2
3
4
8
7
6
5
GND
GND
GND
GND
EN
IN
IN
OUT
OUT
ADJ
ADJ
MIC5209BM
SO-8
Adjustable Voltage
Pin Description
Pin No.
8-pin MLF
Pin No.
SOT-223
Pin No.
SO-8
Pin No.
TO-263-5
Pin Name
Pin Function
1, 2
1
2
2
IN
Supply Input.
7
2, TAB
5–8
3
GND
Ground: SOT-223 pin 2 and TAB are internally connected. SO-8
pins 5 through 8 are internally connected.
3, 4
3
3
4
OUT
Regulator Output. Pins 3 and 4 must be tied together.
8
1
1
EN
Enable (Input): CMOS compatible control input. Logic high =
enable; logic low = shutdown.
4 (fixed)
5 (fixed)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to
reduce output noise. May be left open. For 1.8V or 2.5V operation,
see “Applications Information.”
6
4 (adj.)
5 (adj.)
ADJ
Adjust (Input): Feedback input. Connect to resistive voltage-divider
network.
5 BYP
4 OUT
3 GND
2 IN
1 EN
MIC5209-x.xBU
TO-263-5
Fixed Voltages
5 ADJ
4 OUT
3 GND
2 IN
1 EN
MIC5209BU
TO-263-5
Adjustable Voltage
Pin Configuration
IN
OUT
GND
1
3
2
TAB
GND
MIC5209-x.xBS
SOT-223
Fixed Voltages
1
VIN
VIN
VOUT
VOUT
8 EN
GND
ADJ
NC
7
6
5
2
3
4
5209
YWW
Y
Part
Identification
MIC5209YML
8-Pin 3x3 MLF
Adjustable Voltages


Similar Part No. - MIC5209-3.0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.0YM MICREL-MIC5209-3.0YM Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.0YM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com