Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4555 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4555
Description  SIM Card Level Shifter with 50mA LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4555 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4555 Datasheet HTML 1Page - Micrel Semiconductor MIC4555 Datasheet HTML 2Page - Micrel Semiconductor MIC4555 Datasheet HTML 3Page - Micrel Semiconductor MIC4555 Datasheet HTML 4Page - Micrel Semiconductor MIC4555 Datasheet HTML 5Page - Micrel Semiconductor MIC4555 Datasheet HTML 6Page - Micrel Semiconductor MIC4555 Datasheet HTML 7Page - Micrel Semiconductor MIC4555 Datasheet HTML 8Page - Micrel Semiconductor MIC4555 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel Inc.
MIC4555
September 2011
4
M9999-092311-B
Absolute Maximum Ratings(1)
Supply Voltages (DVCC, VBAT, VCC, VSEL).........−0.3 to +6.0V
Input Logic (RIN, CIN, DATA)
(2) .........................−0.3 to +6.0V
Lead Temperature (soldering, 5s).............................. 260°C
Storage Temperature (TS).............................−65 to +150°C
ESD Rating
(3)................................................ 2kV to Any Pin
ESD Rating (RST, CLK, I/O, VCC pins)
(3)...........8kV to GND
Operating Ratings(4)
Supply Voltage (VBAT)................................... +2.7V to +5.5V
Supply Voltage (DVCC) ....................................+1.6V to VBAT
Logic Inputs (RIN, CIN, DATA)............................. 0V to DVCC
Logic Inputs (EN, VSEL).........................................0V to VBAT
Storage Temperature (TS)............................. −45 to +125°C
Package Thermal Resistance
3mm x 3mm MLF
® -16L (θJA).............................59°C/W
Electrical Characteristics
− General
TA =25
oC, VBAT = 4.3V, CVCC = 1µF unless otherwise noted. Bold values indicate −40°C ≤ TJ ≤ 125°C.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VBAT Shutdown Current
ISD
VEN = 0V, All outputs disabled
0.1
1
µA
VCC = 1.8V, ICC = 0mA
41
80
VBAT Operating Current
IOPBAT
VCC = 3.0V, ICC = 0mA
47
80
µA
DVCC Shutdown Current
ISD
VEN = 0V, All outputs disabled
0.1
1
µA
DVCC Operating Current
IOPDVcc
fCLK = 1MHz, tr/f = 10ns, DVCC = 5.5V
3.5
µA
DVCC Undervoltage Lock-Out
Threshold (UVLO)
VUVLO
0.8
1.1
1.4
V
Over-Temperature Shutdown
Threshold
Tth
150
°C
Over-Temperature Hysteresis
Thys
10
°C
When disabled, IOUT = 3mA. Active pull-
down on VCC.
260
Auto Discharge NFET Resistance
(5)
RPD
When disabled, IOUT = 3mA. Active pull-
down on RST, CLK.
100
Ω
Electrical Characteristics
− SIM Power Supply and Level Translator
TA = 25
oC, VBAT = 4.3V, CVCC = 1µF unless Bold values indicate −40°C ≤ TJ ≤ 125°C.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
EN, VSEL High Input Threshold
VIH
1.2
V
EN, VSEL Low Input Threshold
VIL
0.4
V
Controller Voltage Input
DVCC
1.6
VBAT
V
RIN, CIN High Input Threshold
VIH
0.7DVCC
V
RIN, CIN Low Input Threshold
VIL
0.2DVCC
V
DATA Output High
VOH
IOH = 20µA, I/0 = VCC
0.7DVCC
V
DATA Output Low
VOL
IOL = −200µA, I/O = 0V
0.4
V
DATA Input Current High
IIH
−20
20
µA
DATA Input Current Low
IIL
1
mA
DATA Pull-Up Resistance
RPU
Between DATA and DVCC
13
20
30
kΩ


Similar Part No. - MIC4555

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
   20V/6A DC/DC Power Module
06/23/16
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
   20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
5Mb / 42P
   20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
1Mb / 42P
   20V/6A DC/DC Power Module
06/23/16
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
5Mb / 42P
   20V/6A DC/DC Power Module
Rev. B April 2022
More results

Similar Description - MIC4555

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
NXP Semiconductors
NVT4556 NXP-NVT4556 Datasheet
1Mb / 27P
   SIM card interface level translator with I2C-bus control and LDO
Rev. 1.1 ??25 August 2015
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com