Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209-3.3YM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5209-3.3YM
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.3YM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5209-3.3YM Datasheet HTML 3Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 4Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 9Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 10Page - Micrel Semiconductor MIC5209-3.3YM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
June 2006
7
M9999-060906
MIC5209
Micrel, Inc.
Typical Characteristics
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 100µA
COUT = 1µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 1mA
COUT = 1µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 100mA
COUT = 1µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 100µA
COUT = 2.2µF
CBYP = 0.01µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 1mA
COUT = 2.2µF
CBYP = 0.01µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
IOUT = 100mA
COUT = 2.2µF
CBYP = 0.01µF
VIN = 6V
VOUT = 5V
10 100 1k 10k 100k 1M 10M
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
IOUT = 100mA
10mA
1mA
COUT = 1µF
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
IOUT = 100mA
10mA
1mA
COUT = 2.2µF
CBYP = 0.01µF
0.0001
0.001
0.01
0.1
1
10
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Noise Performance
10 100 1k 10k 100k 1M 10M
10mA, COUT = 1µF
VOUT = 5V
0.0001
0.001
0.01
0.1
1
10
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
VOUT = 5V
COUT = 10µF
electrolytic
0.0001
0.001
0.01
0.1
1
10
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
VOUT = 5V
COUT = 10µF
electrolytic
CBYP = 100pF
0
100
200
300
400
0
100 200 300 400 500
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current


Similar Part No. - MIC5209-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.3YM MICREL-MIC5209-3.3YM Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.3YM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com