Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5264-OGYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5264-OGYML
Description  150mA 關Cap Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-OGYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5264-OGYML Datasheet HTML 1Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-OGYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5264
150mA µCap Dual LDO Regulator
Micro
LeadFrame and MLF are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2006
M9999-052406
(408) 955-1690
General Description
The MIC5264 is a dual 150mA LDO in tiny 2.5mm x
2.5mm MLF
® packaging ideal for applications where cost
is the priority. The MIC5264 is ideal for any application in
portable electronics, including both RF and Digital
applications. With low output noise and high PSRR, the
MIC5264 is ideal for noise sensitive RF applications. While
the fast transient response and active shutdown circuitry
makes it well-suited for powering digital circuitry.
The MIC5264 has a 2.7V to 5.5V input operating voltage
range, making it ideal for operation from a single cell
lithium ion battery or fixed 3.3V and 5V systems. Each
LDO is completely independent and can be powered
independently, making it easier to use in distributed power
applications.
The MIC5264 offers low dropout voltage (210mV at
150mA), low output noise (57µVrms), high PSRR and
integrates an active shutdown circuit on the output of each
regulator to discharge the output voltage when disabled.
Data sheets and supporting documentation can be found
on Micrel’s web site at: www.micrel.com
Features
2.7V to 5.5V supply voltage.
Low 75µA quiescent current per LDO.
Tiny 2.5mm x 2.5mm MLF
® package.
Low Noise – 57µVrms.
High PSRR – 60dB at 1kHz.
Low dropout voltage – 210mV at 150mA.
Stable with ceramic output capacitors.
Independent enable pins.
Fast transient response.
Active shutdown on both outputs.
Applications
Cellular Telephones
PDAs
GPS Receivers
Typical Application
MIC5264-xxYML
EN 2
VIN 1
OUT 1
BYP1
GND
VIN 2
EN 1
BYP2
OUT 2
Rx/Synth
Tx
RF
Transceiver
0.01µF
1µF
1µF
1µF
0.01µF
RF Power Supply
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
-80
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 0.1µF
COUT = 1µF
100mA
150mA
50mA


Similar Part No. - MIC5264-OGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-2.8 MICREL-MIC5264-2.8 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-2.85 MICREL-MIC5264-2.85 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-3.0 MICREL-MIC5264-3.0 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MFYML MICREL-MIC5264-MFYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MMYML MICREL-MIC5264-MMYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
More results

Similar Description - MIC5264-OGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com