Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4043YM4 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4043YM4
Description  Low-Voltage Secondary-Side Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4043YM4 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4043YM4 Datasheet HTML 1Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 2Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 3Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 4Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 5Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 6Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 7Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 8Page - Micrel Semiconductor MIC4043YM4 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2000
3
MIC4043
MIC4043
Micrel
Electrical Characteristics
T
A = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Reference Voltage, Note 4
1.245
V
Reference Voltage Tolerance
±1%
±2
%
Supply Current
I
SNK = 0mA
35
65
µA
70
µA
Transconductance
1mA < I
SNK < 15mA
3.5
150
S
∆I
SINK/∆VIN
2
S
Output Transistor
I
SNK = 15mA
160
250
mV
Saturation Voltage
400
mV
Output Leakage
V
SNK = 5V, output transistor off
0.5
µA
1
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Machine model, 200pF.
Note 4.
Reference voltage is not referenced to ground. The reference is between pins IN and FB.
Test Circuits
IN
R
A
1k
R1
R2
33k
C1*
50
R3
GND FB
SNK
OUT
RETURN
MIC4043
Floating
Bench
Supply
R
R
OUTPUT
R
A
A
A
* Compensation element
Do Not Ground!
Analyzer
V
T
U
O
1
R2
R
V
8
.
1k
2
7k
3
3
V
5
.
2k
3
3k
3
3
V
3
.
3k
0
2k
3
3
3
R
k
0
2
k
0
4
k
0
15
1
C
0.001
µF
0.001
µF
0.001
µF
Test Circuit 1. Compensation (Bode Plot) Circuit
IN
1k
R1
R2
33k
R3
C1
GND FB
SNK
OUT
RETURN
MIC4043
Supply
* Compensation components
Test Circuit 2. Transient Response Circuit


Similar Part No. - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4043YM4 MIC-MIC4043YM4 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC4043YM4 MICREL-MIC4043YM4 Datasheet
1Mb / 14P
   Low-Voltage, Secondary-Side Shunt Regulator
More results

Similar Description - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4043 MICREL-MIC4043_14 Datasheet
1Mb / 14P
   Low-Voltage, Secondary-Side Shunt Regulator
MIC4043 MICREL-MIC4043 Datasheet
3Mb / 12P
   Low-Voltage Secondary-Side Shunt Regulator
logo
MIC GROUP RECTIFIERS
MIC4043 MIC-MIC4043_11 Datasheet
453Kb / 12P
   Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Analog Microelectronics
AME4311 AME-AME4311 Datasheet
135Kb / 8P
   Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com