Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4426BMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4426BMM
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426BMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4426BMM Datasheet HTML 1Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 2Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 3Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 4Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 5Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 6Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 2008
5
M9999-042108
MIC4426/4427/4428
Micrel, Inc.
Test Circuits
A
B
INA
INB
2
4
MIC4427
5
7
OUTA
1000pF
6
VS = 18V
0.1µF
4.7µF
OUTB
1000pF
Figure 2a. Noninverting Configuration
90%
10%
tR
10%
0V
5V
tF
VS
OUTPUT
INPUT
90%
0V
tD1
tD2
tPW
2.5V
Figure 2b. Noninverting Timing
A
B
INA
INB
2
4
MIC4426
5
7
OUTA
1000pF
6
VS = 18V
0.1µF
4.7µF
OUTB
1000pF
Figure 1a. Inverting Configuration
tD1
90%
10%
tF
10%
0V
5V
tD2
tR
VS
OUTPUT
INPUT
90%
0V
2.5V
tPW
Figure 1b. Inverting Timing


Similar Part No. - MIC4426BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426BMM MICREL-MIC4426BMM Datasheet
99Kb / 8P
   Dual 1.5A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4426BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
   Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
   Dual 1.2A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com