Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5264-PMYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5264-PMYML
Description  150mA 關Cap Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-PMYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5264-PMYML Datasheet HTML 1Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-PMYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
5
M9999-052406
(408) 955-1690
Typical Characteristics
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 0.01µF
COUT = 1µF
100mA
150mA
50mA
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
-80
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 0.1µF
COUT = 1µF
100mA
150mA
50mA
10
100
1000
10000
100000
1000000
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 1µF
COUT = 1µF
100mA
150mA
50mA
0.00
0.05
0.10
0.20
0.25
0.30
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0.15
125°C
25°C
-40°C
0.00
0.05
0.10
0.20
0.25
0.30
-40 -15 10
35 60 85 110
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
0.15
150mA
50mA
100mA
10mA 1mA
2.80
2.85
2.90
3.00
3.05
3.10
-40 -15 10
35 60 85 110
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
2.95
3.15
3.20
Iload = 100µA
VOUT = 3.0V
VIN = VOUT + 1
0
0.5
1
2
2.5
3
0
1
2
3
4
5
INPUT VOLTAGE(V)
Output Voltage
vs. Input Voltage
1.5
100µA Load
150µA Load
72
73
74
75
76
77
78
79
80
81
82
83
0
30
60
90
120
150
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 3.0V
68
70
72
76
78
-40
-10
20
50
80
110
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
74
Iload = 100µA
60
65
70
80
90
-40
-10
20
50
80
110
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
75
Iload = 150mA
85
95
0
10
20
50
70
90
0
123
45
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
30
Iload = 100µA
VOUT = 3.0V
VIN = VOUT + 1
40
60
80
0
10
20
50
70
90
0
123
45
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
30
Iload = 150µA
VOUT = 3.0V
VIN = VOUT + 1
40
60
80


Similar Part No. - MIC5264-PMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-PMYML MICREL-MIC5264-PMYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
More results

Similar Description - MIC5264-PMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com