Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2811 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2811
Description  Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2811 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2811_08 Datasheet HTML 1Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 2Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 3Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 4Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 5Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 6Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 7Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 8Page - Micrel Semiconductor MIC2811_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MIC2811/2821
Digital Power Management IC
2MHz, 600mA DC/DC with
Triple 300mA LDOs
Micro
LeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2008
M9999-042208-A
General Description
The
MIC2811/21
are
high
performance
power
management ICs, supporting four output voltage rails with
maximum efficiency. The four rails are generated by a
single 600mA DC/DC converter and three 300mA LDOs.
LDO1 and LDO2 are capable of operating at a low input
voltage down to 1.65V useful for post regulating the output
voltage of the DC-DC converter. The MIC2811 supports
the use of a bypass cap for improved noise performance
on LDO1 & LDO2 while the MIC2821 offers a separate
enable pin for LDO3.
Featuring an operating frequency of 2MHz, the DC to DC
converter uses small values of L and C to reduce board
space but still retains operating efficiencies up to 86% at
load currents up to 600mA.
The MIC2811/21 feature a µCap design, operating with
very small ceramic output capacitors and inductors for
stability, reducing required board space and component
cost and it is available in fixed output voltages in the 16-
pin 3mm × 3mm MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Applications
Mobile phones / PDAs
Portable media players
Mobile Television Receivers
Features
2MHz DC/DC converter and 3 LDOs
Tiny 16-pin 3mm x 3mm MLF
® package
Thermal Shutdown Protection
±2% Output Voltage Accuracy on all outputs
Current Limit Protection
DC/DC Converter
2.7V to 5.5V input voltage range
Output current to 600mA
2MHz PWM operation
Up to 86% efficiency (1.2V output)
LDO 1 & 2
1.65V to 5.5V input voltage range
300mA output current
Fixed Output voltage as low as 0.8V
Low 142mV dropout
70dB PSRR at 1kHz
LDO 3
2.7V to 5.5V input voltage range
300mA output current
Fixed Output voltage as low as 1.0V
____________________________________________________________________________________________________________
Typical Application
0
10
20
30
40
50
60
70
80
90
100
0
100 200 300 400 500 600
OUTPUT CURRENT (mA)
1.2VOUT Efficiency
L = 2.2µH
C = 2.2µF
3V
3.6V
4.2V


Similar Part No. - MIC2811_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281-0BM6 MICREL-MIC281-0BM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0BM6 MICREL-MIC281-0BM6 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC2811_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com