Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5264-SPYML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5264-SPYML
Description  150mA 關Cap Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-SPYML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5264-SPYML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 9Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
6
M9999-052406
(408) 955-1690
Typical Characteristics (continued)
150
170
190
230
270
290
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Short Circuit Current
vs. Input Voltage
210
250
10
100
1000
10000
100000
1000000
10000000
0.001
0.01
0.1
1
10
0.01 0.1
1
10
100 1000 10000
FREQUENCY (kHz)
Output Noise
Spectral Density
VIN = 4.2V
VOUT = 2.8V
COUT = 1.0µF
BYP = 0.1µF
IOUT = 150mA


Similar Part No. - MIC5264-SPYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-2.8 MICREL-MIC5264-2.8 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-2.85 MICREL-MIC5264-2.85 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-3.0 MICREL-MIC5264-3.0 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MFYML MICREL-MIC5264-MFYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MMYML MICREL-MIC5264-MMYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
More results

Similar Description - MIC5264-SPYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com