Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5264-SPYML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5264-SPYML
Description  150mA 關Cap Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-SPYML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5264-SPYML Datasheet HTML 1Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-SPYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
4
M9999-052406
(408) 955-1690
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN1/IN2) .............................. 0V to +7V
Enable Input Voltage (V EN1/EN2)............................ 0V to +7V
Power Dissipation (PD).......................... Internally Limited
(3)
Junction Temperature (TJ) ...........................-40°C to 125°C
Lead Temperature (soldering, #sec.)...........-55°C to 150°C
Storage Temperature (Ts) .......................................... 260°C
EDS Rating
(4)................................................................. 2kV
Operating Ratings(2)
Supply Input Voltage (VIN1/IN2) ...................... +2.7V to +5.5V
Enable Input Voltage (VEN1/EN2) ............................ 0V to +VIN
Junction Temperature (TA)........................–40°C to +125°C
Junction Thermal Resistance
MLF-10L (θJA)....................................................75°C/W
Electrical Characteristics(5)
VEN = VIN = VOUT + 1V; IL =100µA; CL = 1.0µF; CBYP = 0.01µF per output; TA = 25°C, bold values indicate –40°C< TA <
+85°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
IOUT = 100uA
-2
-3
2
3
%
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.05
0.2
%
Load Regulation
IOUT = 0.1mA to 150mA
2
3
%
Dropout Voltage
IOUT = 50mA
IOUT = 150mA
75
210
500
mV
mV
Quiescent Current
VEN < 0.4V
0.2
2
µA
Ground Pin Current (Per
Regulator)
IOUT = 0mA
IOUT = 150mA
75
80
120
150
µA
µA
PSRR (Ripple Rejection)
f = 100Hz, CBYP = 0.1µF, ILOAD = 50mA
f = 1kHz, CBYP = 0.1µF, ILOAD = 50mA
f = 10kHz, CBYP = 0.1µF, ILOAD = 50mA
62
64
64
dB
dB
dB
Current Limit
VOUT = 0V
225
mA
Output Noise
COUT = 1.0µF, CBYP = 0.1µF, f = 10Hz to 100kHz
57
µV (rms)
Enable Input (EN1 and EN2)
Enable Input Logic Low
VIN = 2.7V to 5.5V, regulator shutdown
0.2
V
Enable Input Logic High
VIN = 2.7V to 5.5V, regulator enabled
1.6
V
Enable Input Current
VIL < 0.4V, regulator shutdown
VIH > 1.6V, regulator enabled
0.01
0.01
µA
µA
Thermal Shutdown
Thermal Shutdown Temperature
150
°C
Hysteresis
10
°C
Turn-on/Turn-off Characteristics
Turn-on Time
40
150
µs
Discharge Resistance
500
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max)–TA)/θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the MIC5264x.xYML (all versions) is
75°C/W on a PC board (see ”Thermal Considerations” section for further details).
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5.
Specification for packaged product only.


Similar Part No. - MIC5264-SPYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-2.8 MICREL-MIC5264-2.8 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-2.85 MICREL-MIC5264-2.85 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-3.0 MICREL-MIC5264-3.0 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MFYML MICREL-MIC5264-MFYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MMYML MICREL-MIC5264-MMYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
More results

Similar Description - MIC5264-SPYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com