Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2810-4GMYML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2810-4GMYML
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2810-4GMYML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2810-4GMYML Datasheet HTML 5Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 6Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 7Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 8Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 9Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 10Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 11Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 12Page - Micrel Semiconductor MIC2810-4GMYML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
MIC2810
February 2008
9
M9999-022008-C
Typical Characteristics ― LDO1/LDO2
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
LDO1[LOWQ Mode]
VIN = 3.6V
VOUT = 1.2V
COUT = 2.2µF
IOUT = 25mA
/LowQ = GND
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
LDO1[Normal Mode]
VIN = 3.6V
VOUT = 1.2V
COUT = 2.2µF
IOUT = 100mA
/LowQ = VIN
1.6
1.7
1.8
1.9
2.0
2.7
INPUT VOLTAGE (V)
LDO1 Line Regulation
3.1 3.5 3.9 4.3 4.7 5.1 5.5
COUT = 2.2µF
VIN = 3.6V
IOUT = 150mA
/LowQ = VIN
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
LDO2[LOWQ Mode]
VIN = 3.6V
VOUT = 2.8V
COUT = 2.2µF
IOUT = 25mA
/LowQ = GND
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection Ratio
LDO2[Normal Mode]
VIN = 3.6V
VOUT = 2.8V
COUT = 2.2µF
IOUT = 100mA
/LowQ = VIN
2.70
2.75
2.80
2.85
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2 Load Regulation
COUT = 2.2µF
VIN = 3.6V
/LowQ = VIN
55
60
65
70
75
80
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2 Ground Current
vs. Output Current
VIN = 3.6V
VOUT = 2.8V
/LowQ = VIN
30
40
50
60
70
80
LDO2 Ground Current
vs. Temperature
-40 -20 0
40 60 80 100
TEMPERATURE (°C)
20
120
VIN = 3.6V
IOUT = 200mA
/LowQ = VIN
0
20
40
60
80
100
120
140
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
LDO2 Dropout Voltage
vs. Output Current
VOUT = 2.8V
/LowQ = VIN
60
70
80
90
100
110
LDO2 Dropout Voltage
vs. Temperature
-40 -20 0
40 60 80 100
TEMPERATURE (°C)
20
120
VOUT = 2.8V
IOUT = 200mA
/LowQ = VIN
0.001
0.01
0.1
1
10
LDO2 Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10 100 1,000
VIN = 4.2V
VOUT = 2.8V
COUT = 2.2µF
/LowQ = VIN
10,000


Similar Part No. - MIC2810-4GMYML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2810-4GMYML-TR MICROCHIP-MIC2810-4GMYML-TR Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
More results

Similar Description - MIC2810-4GMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com