Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2591B Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2591B
Description  Dual-Slot PCI Express Hot-Plug Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2591B Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2591B_05 Datasheet HTML 5Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 9Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 10Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 11Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 12Page - Micrel Semiconductor MIC2591B_05 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
March 2005
9
M9999-033105
MIC2591B
Micrel
Electrical Characteristics (continued)(7)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IAUX(THRESH) Auxiliary Output Current Limit
Current which must be drawn from
0.84
A
Threshold (Figure 4)
VAUX
Threshold (Figure 4)
V
Threshold (Figure 4)
V
to register as a fault
ISC(TRAN)
Maximum Transient Short Circuit
VAUX
Maximum Transient Short Circuit
V
Maximum Transient Short Circuit
V
Enabled, then Grounded
Current
IMAX =
VSTBY[A/B]
RDS(AUX)
A
ILIM(AUX)
Regulated Current after Transient
From end of ISC(TRAN) to CFILTER time-out
0.375
0.7
1.35
A
Output Discharge Resistance
RDIS(12V)
12VOUT[A/B]
12VOUT[A/B] = 6.0V
1600
Ω
RDIS(3V)
3VOUT[A/B]
3V
DIS(12V)
DIS(12V)
OUT[A/B] = 1.65V
150
Ω
RDIS(VAUX)
3VAUX[A/B]
3VAUX[A/B]
3VAUX[A/B]
3V
3VAUX[A/B]
3V
= 1.65V
430
Ω
tOFF(12V)
12V Current Limit Response Time
MIC2591B-2BTQ
1
2.0
µs
(Figure 2)
C
OFF(12V)
OFF(12V)
GATE = 25pF
VIN –VSENSE = 140mV
tOFF(3V)
3.3V Current Limit Response Time
MIC2591B-2BTQ
1
2.0
µs
(Figure 3)
C
OFF(3V)
OFF(3V)
GATE = 25pF
VIN –VSENSE = 140mV(8)
tSC(TRAN)
VAUX[A/B] Current Limit Response
VAUX[A/B]
VAUX[A/B] Current Limit Response
V
VAUX[A/B] Current Limit Response
V
= 0V, VSTBYA = V
STBYA
STBYA
STBYB = +3.3V
2.5
5
µs
Time (Figure 5)
SC(TRAN)
SC(TRAN)
tPROP(12VFAULT) Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT output
C
PROP(12VFAULT)
PROP(12VFAULT)
FILTER = 0
VIN –VSENSE = 140mV(8)
tPROP(3VFAULT) Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT[A/B] Output
C
PROP(3VFAULT)
PROP(3VFAULT)
FILTER = 0
VIN –VSENSE = 140mV(8)
tPROP(VAUXFAULT) Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
limit to /FAULT[A/B] output
PROP(VAUXFAULT)
PROP(VAUXFAULT)
CFILTER = 0
VAUX
V
V
Output Grounded(8)
tW
ON[A/B], AUXEN[A/B] Pulse Width
Note 8
100
ns
tPOR
MIC2591B Power-On Reset Time
Note 8
250
µs
after VSTBY[A/B] becomes valid
SMBus Timing
t1
SCL (clock) period
Figure 1
2.5
µs
t2
Data In setup time to SCL HIGH
Figure 1
100
ns
t3
Data Out stable after SCL LOW
Figure 1
300
ns
t4
Data LOW setup time to SCL LOW
Start condition, Figure 1
100
ns
t5
Data HIGH hold time after SCL HIGH Stop condition, Figure 1
100
ns
Notes:
7.
Specification for packaged product only.
8.
Parameters guaranteed by design. Not 100% production tested.
0.7
= 6.0V
1600
Ω
= 1.65V
150
Ω
= 1.65V
430
Ω
12V Current Limit Response Time
MIC2591B-2BTQ
1
3.3V Current Limit Response Time
MIC2591B-2BTQ
1
= +3.3V
2.5
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
250
µs
= 6.0V
1600
Ω
= 1.65V
150
Ω
= 1.65V
430
Ω
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
100
ns
250
µs
Symbol
Parameter
Condition
Min
Typ
Max
Units
Auxiliary Output Current Limit
Current which must be drawn from
Maximum Transient Short Circuit
V
Regulated Current after Transient
From end of I
Output Discharge Resistance
12VOUT[A/B]
12V
3VOUT[A/B]
3V
3VAUX[A/B]
3V
12V Current Limit Response Time
MIC2591B-2BTQ
1
(Figure 2)
C
V
3.3V Current Limit Response Time
MIC2591B-2BTQ
1
(Figure 3)
C
V
VAUX[A/B] Current Limit Response
V
Time (Figure 5)
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT output
C
V
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT[A/B] Output
C
V
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
limit to /FAULT[A/B] output
C
V
ON[A/B], AUXEN[A/B] Pulse Width
MIC2591B Power-On Reset Time
after VSTBY[A/B] becomes valid
Symbol
Parameter
Condition
Min
Typ
Max
Units
Auxiliary Output Current Limit
Current which must be drawn from
Threshold (Figure 4)
V
Maximum Transient Short Circuit
V
Regulated Current after Transient
From end of I
12VOUT[A/B]
12V
3VOUT[A/B]
3V
3VAUX[A/B]
3V
12V Current Limit Response Time
MIC2591B-2BTQ
1
(Figure 2)
C
V
3.3V Current Limit Response Time
MIC2591B-2BTQ
1
(Figure 3)
C
V
VAUX[A/B] Current Limit Response
V
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT output
C
V
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Limit to /FAULT[A/B] Output
C
V
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
limit to /FAULT[A/B] output
C
V
Symbol
Parameter
Condition
Min
Typ
Max
Units
0.84
= 6.0V
1600
Ω
= 1.65V
150
Ω
= 1.65V
430
Ω
12V Current Limit Response Time
MIC2591B-2BTQ
1
3.3V Current Limit Response Time
MIC2591B-2BTQ
1
= +3.3V
2.5
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Note 8
250
µs
Symbol
Parameter
Condition
Min
Typ
Max
Units
A
= 6.0V
1600
Ω
= 1.65V
150
Ω
= 1.65V
430
Ω
µs
µs
µs
Delay from 12V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from 3V[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
Delay from VAUX[A/B] Overcurrent
MIC2591B-2BTQ
1
µs
100
ns
250
µs
Symbol
Parameter
Condition
Min
Typ
Max
Units
0.84
Symbol
Parameter
Condition
Min
Typ
Max
Units
0.84
SCL (clock) period
Figure 1
Data In setup time to SCL HIGH
Figure 1
Data Out stable after SCL LOW
Figure 1
Data LOW setup time to SCL LOW
Start condition, Figure 1
Data HIGH hold time after
SCL (clock) period
Figure 1
Data In setup time to SCL HIGH
Figure 1
Data Out stable after SCL LOW
Figure 1
Data LOW setup time to SCL LOW
Start condition, Figure 1
Stop condition, Figure 1
µs
ns
ns
ns
ns
µs
ns
ns
ns
ns
µs
ns
ns
ns
ns


Similar Part No. - MIC2591B_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2591B-2BTQ MICREL-MIC2591B-2BTQ Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B-2YTQ MICREL-MIC2591B-2YTQ Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B-3BTQ MICREL-MIC2591B-3BTQ Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B-3YTQ MICREL-MIC2591B-3YTQ Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B-5BTQ MICREL-MIC2591B-5BTQ Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
More results

Similar Description - MIC2591B_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com