Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6208CJ25 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6208CJ25
Description  64K x 4 Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6208CJ25 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6208CJ25 Datasheet HTML 1Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 2Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 3Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 4Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 5Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 6Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 7Page - Motorola, Inc MCM6208CJ25 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCM6208C
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1, 2, and 3)
– 12
– 15
– 20
– 25
– 35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
12
15
20
25
35
ns
2
Address Setup Time
tAVWL
0
0
0
0
0
ns
Address Valid to End of Write
tAVWH
10
12
15
20
20
ns
Write Pulse Width
tWLWH,
tWLEH
10
12
15
20
20
ns
Write Pulse Width, E High
tWLWH,
tWLEH
8
10
12
15
15
ns
Data Valid to End of Write
tDVWH
6
7
8
10
10
ns
Data Hold Time
tWHDX
0
0
0
0
0
ns
Write Low to Output High–Z
tWLQZ
0
7
0
7
0
8
0
10
0
10
ns
3, 4, 5
Write High to Output Active
tWHQX
4
4
4
4
4
ns
3, 4, 5
Write Recovery Time
tWHAX
0
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. All timings are referenced from the last valid address to the first transitioning address.
3. At any given voltage and temperature, tWLQZ max is less than tWHQX min, both for a given device and from device to device.
4. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B.
5. This parameter is sampled and not 100% tested.
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
DATA VALID
tDVWH
tAVWL
tAVWH
tAVAV
tWHAX
tWLWH
tWHDX
tWLQZ
tWHQX
HIGH–Z
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
tWLEH


Similar Part No. - MCM6208CJ25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15 MOTOROLA-MCM6205DJ15 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15R2 MOTOROLA-MCM6205DJ15R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20 MOTOROLA-MCM6205DJ20 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20R2 MOTOROLA-MCM6205DJ20R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
More results

Similar Description - MCM6208CJ25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com