Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3116160BSJ-50 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3116160BSJ-50
Description  1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116160BSJ-50 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3116160BSJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Semiconductor Group
2
HYB3116(8)160BSJ/BST(L)-50/-60/-70
3.3V 1M x 16-DRAM
The HYB 3116(8)160BSJ/BST is a 16 MBit dynamic RAM organized as 1 048 576 words by 16 bits.
The HYB 3116(8)160BSJ/BST utilizes a submicron CMOS silicon gate process technology, as well
as advanced circuit techniques to provide wide operating margins, both internally and for the system
user. Multiplexed address inputs permit the HYB 3116(8)160BSJ/BST to be packaged in standard
SOJ-42 and TSOPII-50/44 plastic package with 400mil width. These packages provide high system
bit densities and are compatible with commonly used automatic testing and insertion equipment.
System-oriented features include single + 3.3 V (
± 0.3 V) power supply, direct interfacing with high-
performance logic device families.The HYB3116160BSTL parts have a very low power „sleep
mode“ suppported by Self Refresh.
Ordering Information
Pin Names
Type
Ordering Code
Package
Descriptions
HYB 3116160BSJ-50
on request
P-SOJ-42 400 mil
DRAM (access time 50 ns)
HYB 3116160BSJ-60
on request
P-SOJ-42 400 mil
DRAM (access time 60 ns)
HYB 3116160BSJ-70
on request
P-SOJ-42 400 mil
DRAM (access time 70 ns)
HYB 3118160BSJ-50
on request
P-SOJ-42 400 mil
DRAM (access time 50 ns)
HYB 3118160BSJ-60
on request
P-SOJ-42 400 mil
DRAM (access time 60 ns)
HYB 3118160BSJ-70
on request
P-SOJ-42 400 mil
DRAM (access time 70 ns)
HYB 3116160BST-50
on request
P-TSOPII-50/44 400 mil
DRAM (access time 50 ns)
HYB 3116160BST-60
on request
P-TSOPII-50/44 400 mil
DRAM (access time 60 ns)
HYB 3116160BST-70
on request
P-TSOPII-50/44 400 mil
DRAM (access time 70 ns)
HYB 3118160BST-50
on request
P-TSOPII-50/44 400 mil
DRAM (access time 50 ns)
HYB 3118160BST-60
on request
P-TSOPII-50/44 400 mil
DRAM (access time 60 ns)
HYB 3118160BST-70
on request
P-TSOPII-50/44 400 mil
DRAM (access time 70 ns)
A0 to A9
Row Address Inputs for 1k-refresh version HYB3118160BSJ/BST
A0 to A9
Column Addess Inputs for 1k-refresh version HYB3118160BSJ/BST
A0 to A11
Row Address Inputs for 4k-refresh version HYB3116160BSJ/BST
A0 to A7
Column Address Inputs for 4k-refresh version HYB3116160BSJ/BST
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O16
Data Input/Output
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
WE
Read/Write Input
VCC
Power Supply (+ 3.3 V)
VSS
Ground (0 V)
N.C.
not connected


Similar Part No. - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-70 SIEMENS-HYB3116400BJ-70 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com