Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2588 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2588
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2588 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2588_05 Datasheet HTML 1Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 2Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 3Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 4Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 5Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2588_05 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
September 2005
1
M9999-083005
MIC2588/MIC2594
Micrel
MIC2588/MIC2594
Single-Channel, Negative High-Voltage Hot
Swap Power Controllers
General Description
The MIC2588 and the MIC2594 are single-channel, nega-
tive-voltage hot swap controllers designed to address the
need for safe insertion and removal of circuit boards into
“live” high-voltage system backplanes, while using very few
external components. The MIC2588 and the MIC2594 are
each available in an 8-pin SOIC package and work in con-
junction with an external N-Channel MOSFET for which the
gate drive is controlled to provide inrush current limiting and
output voltage slew-rate control. Overcurrent fault protection
is also provided and includes a programmable overcurrent
threshold. During an output overload condition, a constant-
current regulation loop is engaged to ensure that the system
powersupplymaintainsregulation.Ifafaultconditionexceeds
a built-in 400µs nuisance-trip delay, the MIC2588 and the
MIC2594 will latch the circuit breaker’s output off and will
remain in the off state until reset by cycling either the UV/OFF
pin or the power to the IC. A master Power-Good signal is
provided to indicate that the output voltage of the soft-start
circuit is within its valid output range. This signal can be used
to enable one or more DC-DC converter modules.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
/PWRGD
DRAIN
UV
OV
VDD
SENSE
GATE
VEE
1
8
7
6
5
4
3
2
R1
698kΩ
1%
R3
12.4kΩ
1%
R2
11.8kΩ
1%
C1
1uF
RSENSE
0.01Ω
5%
*D1
SMAT70A
100V
M1
SUM110N10-09
RFDBK
15kΩ
C3
0.22uF
CFDBK
6.8nF
100V
R4
10Ω
-48VOUT
-48V RTN
C5
100uF
C4
0.1uF
-48VIN
(Long Pin)
-48V RTN
(Long Pin)
*C6
0.33uF
MIC2588-2BM
-48V RTN
(Short Pin)
DC-DC
CONVERTER
IN-
IN+
ON/OFF#
OUT+
OUT-
+2.5V RTN
+2.5VOUT
VDD
*C2
22nF
Nominal Undervoltage and Overvoltage Thresholds:
VUV = 36.5V
VOV = 71.2V
* Optional components (See Applications Information for more details)
# An external pull-up resistor for the power-good signal is necessary for DC-DC supplies
(and all other load modules) not equipped with internal pull-up impedence
Features
• MIC2588:
Pin-for-pin functional equivalent to the
LT1640/LT1640A/LT4250
• Provides safe insertion and removal from live –48V
(nominal) backplanes
• Operates from –19V to –80V
• Electronic circuit breaker function
• Built-in 400µs “nuisance-trip” delay (tFLT)
• Regulated maximum output current into faults
• Programmable inrush current limiting
• Fast response to short circuit conditions (<1µs)
• Programmable undervoltage and overvoltage lockouts
(MIC2588-xBM)
• Programmable UVLO hysteresis (MIC2594-xBM)
• Fault reporting:
Active-HIGH (-1BM) and Active-LOW (-2BM)
Power-Good output signal
Applications
• Central office switching
• –48V power distribution
• Distributed power systems
• Server Networks
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC2588_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588-1BM MICREL-MIC2588-1BM Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2588-2BM MICREL-MIC2588-2BM Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
More results

Similar Description - MIC2588_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com