Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2588-1BM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2588-1BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2588-1BM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2588-1BM Datasheet HTML 1Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 2Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2588-1BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
September 2005
5
M9999-083005
MIC2588/MIC2594
Micrel
AC Electrical Characteristics(5)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tFLT
Built-in Overcurrent Nuisance Trip
400
µs
Time Delay(6) (Figure 1)
tOCSENSE
Overcurrent Sense to GATE Low
VSENSE – VEE = 100mV
3.5
µs
(Figure 2)
tOVPHL
OV to GATE Low(6) (Figure 3)
1
µs
tOVPLH
OV to GATE High(6) (Figure 3)
1
µs
tUVPHL
UV to GATE Low(6) (Figure 4)
1
µs
tUVPLH
UV to GATE High(6) (Figure 4)
1
µs
tPGL(1)
DRAIN High to PWRGD Output Low(6) RPULLUP = 100kΩ, CLOAD on PWRGD = 50pF
1
µs
(-1 Version parts only)
tPGL(2)
DRAIN Low to /PWRGD Output Low(6) RPULLUP = 100kΩ, CLOAD on /PWRGD = 50pF
1
µs
(-2 Version parts only)
tPGH(1)
DRAIN Low to PWRGD Output High(6) RPULLUP = 100kΩ, CLOAD on PWRGD = 50pF
2
µs
(-1 Version parts only)
tPGH(2)
DRAIN High to /PWRGD Output High(6) RPULLUP = 100kΩ, CLOAD on /PWRGD = 50pF
2
µs
(-2 Version parts only)
Notes:
5. Specification for packaged product only.
6. Not 100% production tested. Parameters are guaranteed by design.
Timing Diagrams
ILIMIT
ILOAD
0A
VDRAIN
VGATE
(VEE +10V)
t < tFLT
t  tFLT
(at VEE)
(at VEE)
(at VEE)
OVERCURRENT
EVENT
Output OFF
(at VDD)
Load current is regulated
at ILIMIT = 50mV/RSENSE
Reduction in VDRAIN to support
ILIMIT = 50mV/RSENSE
Figure 1. Overcurrent Response
VSENSE - VEE
100mV
1V
tOCSENSE
VGATE
Figure 2. SENSE to GATE LOW Timing Response


Similar Part No. - MIC2588-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588-1BM MICREL-MIC2588-1BM Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
More results

Similar Description - MIC2588-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com