Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2772-S3S3YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2772-S3S3YML
Description  Dual Voltage Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2772-S3S3YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2772-S3S3YML Datasheet HTML 1Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 2Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 3Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 4Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 5Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 6Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 7Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 8Page - Micrel Semiconductor MIC2772-S3S3YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel
MIC2772
Electrical Characteristics cont.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tPROP
/MR to /RESET Propagation
Delay
/MRn < VIL → /RESETn < VIL
0.5
µs
tMIN
Minimum Input Pulse Width
Reset Occurs
10
µs
tREJECT
Widest Pulse Ignored
No Reset Occurs
100
ns
RPU
Pull-up Resistance
10
20
30
k
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Timing Diagram
VCCn
/MR
n
/RESET
n
tRST
tRST
VTH
MIC2772 Timing Diagram
April 2005
5
M9999-042605
(408) 955-1690


Similar Part No. - MIC2772-S3S3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2772-S3S3YML MICREL-MIC2772-S3S3YML Datasheet
226Kb / 9P
   Dual Voltage Supervisor
More results

Similar Description - MIC2772-S3S3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772 Datasheet
226Kb / 9P
   Dual Voltage Supervisor
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com