Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2584-KBTS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2584-KBTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-KBTS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2584-KBTS Datasheet HTML 1Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 2Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 3Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 4Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-KBTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
March 2005
3
MIC2584/2585
MIC2584/2585
Micrel
Pin Configuration
1
VCC2
SENSE2
GATE2
OUT2
FB2
ON
CPOR
CFILTER
16 VCC1
SENSE1
GATE1
OUT1
FB1
/POR
/FAULT
GND
15
14
13
12
11
10
9
2
3
4
5
6
7
8
MIC2584
16-Pin TSSOP (TS)
CDLY
GND
13
12
CFILTER
/FAULT
14
11
1
VCC2
SENSE2
GATE2
OV2
OUT2
DIS2
FB2
ON
TRK
CPOR
24 VCC1
SENSE1
GATE1
OV1
OUT1
DIS1
FB1
PG1
PG2
/POR
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
MIC2585
24-Pin TSSOP (TS)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2584
MIC2585
16
24
VCC1
Positive Supply (Input), Channel 1: This input is the main supply to the
internal circuitry and must be in the range of 2.3V to 13.2V. The GATE1 pin
is held low by an internal undervoltage lockout circuit until V
CC1 and VCC2
exceed their respective undervoltage lockout threshold of 2.165V and 0.8V.
This input is protected up to 20V.
1
1
VCC2
Positive Supply (Input), Channel 2: The GATE2 pin is held low by an
internal undervoltage lockout circuit until V
CC1 and VCC2 exceed their
respective undervoltage lockout threshold of 2.165V and 0.8V. This input
must be in the range of 1.0V to 13.2V and less than or equal to V
CC1. This
input is protected up to 20V.
2, 15
2, 23
SENSE2, SENSE1
Circuit Breaker Sense (Inputs): A resistor between this pin and VCC1 and
VCC2 sets the current limit threshold for each channel. Whenever the
voltage across either sense resistor exceeds the slow trip current limit
threshold (V
TRIPSLOW), the GATE voltage is adjusted to ensure a constant
load current. If V
TRIPSLOW (50mV) is exceeded for longer than time period
t
OCSLOW, then the circuit breaker is tripped and both GATE outputs are
immediately pulled low. If the voltage across either sense resistor exceeds
the fast trip circuit breaker threshold, V
TRIPFAST, at any point due to fast,
high amplitude power supply faults, then both GATE outputs are immediately
brought low without delay. To disable the circuit breaker for either channel,
the SENSE and VCC pins can be tied together.
The default V
TRIPFAST for either device is 100mV. Other fast trip thresholds
are available: 150mV, 200mV, or OFF (V
TRIPFAST disabled). Please contact
factory for availability of other options.
6
8
ON
Enable (Input): Active High. The ON pin, an input to a Schmitt-triggered
comparator used to enable/disable the controller, is compared to a 1.235V
reference with 25mV of hysteresis. When a logic high is applied to the ON
pin (V
ON > 1.235V), a start-up sequence begins when the GATE1 and
GATE2 pins begin ramping up towards their final operating voltage. When
the ON pin receives a logic low signal (V
ON < 1.21V), the GATE pins are
grounded and /FAULT remains high if both inputs are above their respective
UVLO thresholds. The ON pin must be low for at least 20
µs in order to
initiate a start-up sequence. Additionally, toggling the ON pin LOW to HIGH
resets the circuit breaker.


Similar Part No. - MIC2584-KBTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-KBTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com