Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2590B-5YTQ Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2590B-5YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2590B-5YTQ Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2590B-5YTQ Datasheet HTML 6Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 9Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2590B-5YTQ Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
10
M9999-091808
Test Circuit
t1
t4
SCL
SDA
Data In
SDA
Data Out
t2
t5
t3
Figure 1. SMBus Timing
1V
3VGATE/5VGATE
VTHFAST
tOFF3/5
VTHFAST
Figure 2. 3V/5V Current Limit Response Timing
ITHFAST
ILIM12[M]
tOFF12[M]
IOUT
IOUT(AUX)
IOUT(AUX)
ILIM(AUX)
Must Trip
May Not Trip
IAUX(THRESH)
Figure 3. +12V/–12V Current Limit Response Timing
Figure 4. VAUX Current Limit Threshold
IOUT(AUX)
tSC(TRAN)
ILIM(AUX)
ISC(TRAN)
Figure 5. VAUX Current Limit Response Timing


Similar Part No. - MIC2590B-5YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2590B-5BTQ MICREL-MIC2590B-5BTQ Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
More results

Similar Description - MIC2590B-5YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com