Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2800-GFMYML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2800-GFMYML
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800-GFMYML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2800-GFMYML Datasheet HTML 6Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 7Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 8Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 9Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 10Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 11Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 12Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 13Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MIC2800
September 2007
10
M9999-090507-C
Typical Characteristics (LDO1, LDO2)
0
10
20
30
40
50
60
70
80
90
100
Power Supply Rejection Ratio
(LDO1 LowQ Mode)
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
50mA
100µA
VIN = 4.2V
VOUT = 1.2V
/LowQ = GND
COUT = 2.2µF
CBYP = 0.1µF
0
10
20
30
40
50
60
70
80
Power Supply Rejection Ratio
(LDO1 Normal Mode)
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
50mA
100µA
VIN = 4.2V
VOUT = 1.2V
/LowQ = VIN
COUT = 2.2µF
CBYP = 0.1µF
150mA
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
Power Supply Rejection Ratio
(LDO2 LowQ Mode)
50mA
100µA
VIN = 4.2V
VOUT = 2.8V
/LowQ = VIN
COUT = 2.2µF
CBYP = 0.01µF
10mA
0
10
20
30
40
50
60
70
80
90
100
Power Supply Rejection Ratio
(LDO2 Normal Mode)
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
50mA
150mA
300mA
100µA
VIN = 4.2V
VOUT = 1.2V
/LowQ = VIN
COUT = 2.2µF
CBYP = 0.01µF
2.50
2.55
2.60
2.65
2.70
2.75
2.85
2.90
2.95
3.00
(LDO2) Output Voltage
20 40 60 80
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 2.8V
CBYP = 0.1µF
COUT = 2.2µF
EN1 = GND
EN2 = VIN
2.80
vs. Temperature
30
35
40
50
55
60
65
70
Ground Current
20 40 60 80
TEMPERATURE (°C)
45
VIN = VOUT + 1V
VOUT = 2.8V
CBYP = 0.1µF
COUT = 2.2µF
/LowQ = VIN
EN1 = GND
EN2 = VIN
100mA
300mA
100µA
vs. Temperature
30
40
50
60
70
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Ground Current
VIN = 2.8V
VOUT = 2.8V
CBYP = 0.1µF
COUT = 2.2µF
vs. Output Current
0
20
40
60
80
100
120
140
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
(LDO2) Dropout Voltage
VOUT = 2.8V
CBYP = 0.1µF
COUT = 2.2µF
/LowQ = VIN
vs. Output Current
0.00
0.12
0.14
0.16
0.18
0.20
(LDO2) Dropout Voltage
20 40 60 80
TEMPERATURE (°C)
0.02
0.04
0.06
0.08
0.10
150mA
100mA
50mA
300mA
20mA
vs. Temperature
VOUT = 2.8V
COUT = 2.2µF
CBYP = 0.1µF
/LowQ = VIN
2.0
2.5
3.0
1.5
2.0
2.5
3.0
3.5
SUPPLY VOLTAGE (V)
Dropout Chararcteristics
150mA
300mA
100mA
COUT = 2.2µF
CBYP = 0.1µF
/LowQ = VIN
0.001
0.01
0.1
1
10
LDO1 Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10 100 1,000 10,000
VIN = 4.2V
VOUT = 1.2V
CBYP = 0.1µF
COUT = 2.2µF
/LowQ = VIN
0.001
0.01
0.1
1
10
LDO2 Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10 100 1,000 10,000
VIN = 4.2V
VOUT = 2.8V
CBYP = 0.1µF
COUT = 2.2µF
/LowQ = VIN


Similar Part No. - MIC2800-GFMYML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2800-G1JJYML MICROCHIP-MIC2800-G1JJYML Datasheet
1Mb / 46P
   64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
More results

Similar Description - MIC2800-GFMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com