Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2584-MYTS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2584-MYTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-MYTS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2584-MYTS Datasheet HTML 1Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 2Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 3Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 4Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-MYTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC2584/2585
Micrel
MIC2584/2585
4
March 2005
Pin Number
Pin Number
Pin Name
Pin Function
MIC2584
MIC2585
3, 14
3, 22
GATE2, GATE1
Gate Drive (Outputs): Connect each output to the gates of external
N-Channel MOSFETs. When ON is asserted, a 14
µA current source is
activated and begins to charge the gate of the N-Channel MOSFET connected
to this pin. An internal clamp ensures that no more than 10V is applied
between the GATE and Source when VCC1 or VCC2 is above 5V. When the
circuit breaker trips or when an input undervoltage lockout condition is
detected, the GATE1 and GATE2 pins are immediately brought low.
9
13
GND
Ground: Tie to analog ground.
7
10
CPOR
Power-On Reset Timer (Input): A capacitor connected between this pin and
ground sets the start-up delay (t
START) and the power-on reset interval
(t
POR). Once the lagging supply rises above its UVLO threshold and ON
asserts, the capacitor connected to CPOR begins to charge. When the
voltage at CPOR crosses 0.3V, the start-up threshold (V
START), a start cycle
is initiated as the GATE outputs begin to ramp while capacitor C
POR is
immediately discharged to ground. When the voltage at the lagging FB pin
rises above its threshold (V
FB), capacitor CPOR begins to charge again.
When the voltage at CPOR rises above the power-on reset delay threshold
(V
POR) of 1.235V, the timer resets by pulling CPOR to ground and /POR is
deasserted. If C
POR = 0, then tSTART defaults to 20µs.
8
11
CFILTER
Current Limit Response Timer (Input): A capacitor connected to this pin
defines the period of time, t
OCSLOW, in which an overcurrent event must last
to signal a fault condition and trip the circuit breaker. When an overcurrent
condition occurs, a 2.5
µA current source begins to charge this capacitor. If
the voltage at this pin reaches 1.235V, the circuit breaker is tripped, both
GATE pins immediately shut off, and /FAULT is asserted. If C
FILTER = 0,
then t
OCSLOW defaults to 20µs.
5, 12
7, 18
FB2, FB1
Power-Good Threshold Input (Undervoltage Detect): FB1 and FB2 are
internally compared to 1.235V and 0.80V references with 25mV of hyster-
esis, respectively. External resistive divider networks may be used to set the
voltage at these pins. If either FB input momentarily goes below its thresh-
old, then /POR is activated for one timing cycle, t
POR, indicating an output
undervoltage condition. The /POR signal deasserts one timing cycle after the
FB pin exceeds its power-good threshold by 25mV. A 5
µs filter on these pins
prevents glitches from inadvertently activating the /POR signal.
10
14
/FAULT
Circuit Breaker Fault Status (Output): Active-Low, weak pull-up to VCC1 or
open-drain. Asserted when the circuit breaker is tripped due to an
overcurrent, undervoltage lockout, or overvoltage event. When deasserted,
the MIC2585 will initiate a new start cycle by toggling the ON pin.
11
15
/POR
Power-On Reset (Output): Active Low, weak pull-up to VCC1 or open drain.
This pin remains asserted during start-up until a time period (t
POR) after the
lagging FB pin threshold (V
FB1 or VFB2) is exceeded. The timing capacitor
C
POR determines tPOR. When the output voltage monitored at either FB pin
falls below V
FB, /POR is asserted for a minimum of one timing cycle (tPOR).
4, 13
5, 20
OUT2, OUT1
Output Voltage Monitor (Inputs): For output tracking, connect these pins to
their respective output to sense the output voltage.
N/A
12
CDLY
Output Sequence Delay Timer (Input): This pin is internally clamped to 6V.
A capacitor connected to this pin sets a timer delay, t
DLY, between VOUT1
and V
OUT2 as shown in Figure 5. With this pin pulled up to VCC1 through a
resistor, and if C
GATE1 = CGATE2, both VOUT1 and VOUT2 ramp up and down
with the same dv/dt as depicted in the Tracking Mode diagram while
maintaining a maximum voltage differential between V
OUT1 and VOUT2.
N/A
9
TRK
Discharge Tracking Mode Pin (Input): Tie this pin to OUT1 or OUT2 to
enable tracking during turn-off cycle. Ground this pin to disable tracking
during turn-off. The TRK pin is not to be used as a digital input.


Similar Part No. - MIC2584-MYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-MYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com