Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3117400BJ-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3117400BJ-60
Description  3.3V 4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117400BJ-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3117400BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Semiconductor Group
8
HYB 3116(7)400BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
AC Characteristics 5)6)
16F
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.
common parameters
Random read or write cycle time
tRC
90
110
130
ns
RAS precharge time
tRP
30
40
50
ns
RAS pulse width
tRAS
50
10k
60
10k
70
10k
ns
CAS pulse width
tCAS
13
10k
15
10k
20
10k
ns
Row address setup time
tASR
0
0–
0–
ns
Row address hold time
tRAH
8
10
10
ns
Column address setup time
t
ASC
0
0–
0–
ns
Column address hold time
t
CAH
10
15
15
ns
RAS to CAS delay time
t
RCD
18
37
20
45
20
50
RAS to column address delay
time
t
RAD
13
25
15
30
15
35
ns
RAS hold time
tRSH
13
15
20
ns
CAS hold time
t
CSH
50
60
70
ns
CAS to RAS precharge time
t
CRP
5
5–
5–
ns
Transition time (rise and fall)
t
T
350
3
50
3
50
ns
7
Refresh period for HYB3117400
t
REF
32
32
32
ms
Refresh period for HYB3116400
t
REF
64
64
64
ms
Refresh period for L-version
t
REF
256
256
256
ms
Read Cycle
Access time from RAS
tRAC
50
60
70
ns
8, 9
Access time from CAS
tCAC
13
15
20
ns
8, 9
Access time from column address tAA
25
30
35
ns
8,10
OE access time
tOEA
13
15
20
ns
Column address to RAS lead time tRAL
25
30
35
ns
Read command setup time
tRCS
0
0–
0–
ns
Read command hold time
tRCH
0
0–
0–
ns
11
Read command hold time
referenced to RAS
tRRH
0
0–
0–
ns
11


Similar Part No. - HYB3117400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117400BJ-60 SIEMENS-HYB3117400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3117400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com