Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2583-KYQS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2583-KYQS
Description  Single Channel Hot Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2583-KYQS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2583-KYQS Datasheet HTML 2Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 3Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 4Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 5Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 6Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 7Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 8Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 9Page - Micrel Semiconductor MIC2583-KYQS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Micrel, Inc.
MIC2582/MIC2583
April 2009
6
M9999-043009-C
Symbol
Parameter
Condition
Min
Typ
Max
Units
ΔV
ON
ON Pin Threshold Line Regulation
2.3V
≤ VCC ≤ 13.2V
2
mV
ION
ON Pin Input Current
VON = VCC
−0.5
µA
VSTART
Start-Up Delay Timer Threshold
VCPOR rising
0.26
0.31
0.36
V
Upper threshold
0.19
1.24
1.30
V
VAUTO
Auto-Restart Threshold Voltage
(MIC2583R only)
Lower threshold
0.26
0.31
0.36
V
Charge current
10
13
16
µA
IAUTO
Auto-Restart Current
(MIC2583R only)
Discharge current
1.4
2
µA
FB rising
1.19
1.24
1.29
V
VFB
Power-Good Threshold Voltage
2.3V = VCC = 13.2V
FB falling
1.15
1.20
1.25
V
VFBHYS
FB Hysteresis
40
mV
IFBLKG
FB Pin Leakage Current
2.3V = VCC = 13.2V, VFB = 1.3V
1.5
µA
VOL
/POR, /FAULT, PWRGD
Output Voltage
(/FAULT, PWRGD MIC2583/83R only)
IOUT = 1mA
0.4
V
RDIS
Output Discharge Resistance
(MIC2583/83R only)
500
1000
AC Parameters
(4)
tOCFAST
Fast Overcurrent SENSE to GATE
Low Trip Time
VCC = 5V, VCC − VSENSE = 100mV
CGATE = 10nF, Figure 2
1
µs
tOCSLOW
Slow Overcurrent SENSE to GATE
Low Trip Time
VCC = 5V, VCC − VSENSE = 50mV
CFILTER = 0, Figure 2
5
µs
tONDLY
ON Delay Filter
20
µs
tFBDLY
FB Delay Filter
20
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Specification for packaged product only.
4. Not a tested parameter, guaranteed by design.
Timing Diagrams
Figure 2. Current-Limit Response
Figure 3. Power-On Reset Response
Figure 4. Power-On Start-Up Delay Timing


Similar Part No. - MIC2583-KYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2583-KYQS MICREL-MIC2583-KYQS Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2583-KYQS MICROCHIP-MIC2583-KYQS Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
More results

Similar Description - MIC2583-KYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com