Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2584-2KYTS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2584-2KYTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-2KYTS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2584-2KYTS Datasheet HTML 1Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 2Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 3Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 4Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
March 2005
5
MIC2584/2585
MIC2584/2585
Micrel
Pin Number
Pin Number
Pin Name
Pin Function
MIC2584
MIC2585
N/A
4, 21
OV2, OV1
Overvoltage Detect Inputs: Whenever the threshold voltage (V
OV1, VOV2) on
either input is exceeded, the circuit-breaker is tripped while /FAULT is
asserted and the GATE1 and GATE2 outputs are immediately brought low.
N/A
6, 19
DIS2, DIS1
Discharge Outputs: When the ON pin receives a logic low signal
(deasserts), these pins provide a low impedance path to ground in order to
allow the discharging of any load capacitance. The DIS pins assert low if
TRK is less than 0.3V once ON has been deasserted. The typical DIS pin
resistance varies between 50
Ω to 170Ω dependent upon input supply
voltage (see Electrical Table). An external resistor is required. See “
Fast
Output Discharge for Capacitive Load” section in the Applications Informa-
tion for more detail.
N/A
16, 17
PG2, PG1
Power-Good Outputs: Active-HIGH, weak pull-up to VCC1 or open-drain.
These outputs are asserted whenever the FB1 and FB2 thresholds are
exceeded and will not be asserted when FB1 and FB2 are below their
thresholds.


Similar Part No. - MIC2584-2KYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-2KYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com