Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2584-2KYTS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2584-2KYTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-2KYTS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2584-2KYTS Datasheet HTML 2Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 3Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 4Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 9Page - Micrel Semiconductor MIC2584-2KYTS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MIC2584/2585
Micrel
MIC2584/2585
6
March 2005
Absolute Maximum Ratings (Note1)
All voltages are referred to GND)
Supply Voltage (V
CC1/VCC2) .......................... –0.3V to 20V
SENSE1/SENSE2 pins .............................. –0.3V to V
CC1/2
TRK, ON, DIS1, DIS2, OUT1, OUT2,
/POR, /FAULT, PG1, PG2 pins .................. –0.3V to 15V
GATE1/GATE2 pin ......................................... –0.3V to 25V
All other input pins ........................................... -0.3V to 15V
DIS1/DIS2 current ....................................................
±25mA
Junction Temperature ............................................... 125
°C
ESD Rating
Human body model ............................................... 1500V
Machine model ........................................................ 100V
Operating Ratings (Note 2)
Supply Voltage
V
CC1 ......................................................................... 2.3V to 13.2V
V
CC2 ......................................................................... 1.0V to 13.2V
Operating Temperature Range .................. –40
°C to +85°C
Package Thermal Resistance
Rθ(JA), 16-pin TSSOP ....................................... 99.1°C/W
Rθ(JA), 24-pin TSSOP ....................................... 83.8°C/W
Electrical Characteristics (Note 4)
2.3V
≤ V
CC1 ≤ 13.2V, 1.0V ≤ VCC2 ≤ 13.2V, TA = 25°C unless otherwise noted. Bold values indicate –40°C ≤ TA ≤ 85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
2.3
13.2
V
I
CC1
Supply Current
1.7
3
mA
V
CC2
Supply Voltage
V
CC2 ≤ VCC1
1.0
13.2
V
I
CC2
Supply Current
0.05
0.15
mA
V
UV1
V
CC1 Undervoltage Lockout
2.050
2.165
2.275
V
Threshold
V
UV1HYS
V
CC1 Undervoltage Lockout
200
mV
Hysteresis
V
UV2
V
CC2 Undervoltage Lockout
0.7
0.8
0.9
V
Threshold
V
UV2HYS
V
CC2 Undervoltage Lockout
30
mV
Hysteresis
V
TRIPSLOW
Slow Trip Overcurrent Threshold
V
CCx – VSENSEx, VCC1 = VCC2 = 5V
42.5
50
57.5
mV
V
TRIPHYS
Slow Trip Overcurrent Hysteresis
2.5
mV
V
TRIPFAST
Fast Trip Overcurrent Threshold
x = J
90
100
110
mV
V
CC1 = VCC2 = 5V
x = K
150
mV
x = L
200
mV
V
GATE
External Gate Drive
V
GATEx – VCCx
V
CC1 or VCC2 > 5V
6
8
10
V
(GATE1 and GATE2)
V
CC1 or VCC2 < 5V
3.5
4.5
8
V
I
GATE
GATE Pin Pull-up Current
Start cycle
–25
–14
–8
µA
I
GATEOFF
GATE Pin Sink Current
/FAULT asserted
50
mA
Turn off (ON deasserted)
30
45
70
µA
R
DIS
Discharge Pin Resistance
ON deasserted
V
CCx = 2.3V
170
TRK < 0.3V
V
CCx = 5.0V
70
V
CCx = 13.2V
50
I
TMR
Overcurrent Timer Pin Charge
V
CCx – VSENSEx = 50mV
–3.5
–2.5
–1.5
µA
Current
Overcurrent Timer Pin Discharge
V
CCx – VSENSEx = 25mV
1.5
2.5
3.5
µA
Current
V
TMR
Overcurrent Timer Pin Threshold
1.190
1.235
1.290
V


Similar Part No. - MIC2584-2KYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-2KYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com