Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2583R-MYQS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2583R-MYQS
Description  Single Channel Hot Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2583R-MYQS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2583R-MYQS Datasheet HTML 1Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 2Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 3Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 4Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 5Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 6Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 7Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 8Page - Micrel Semiconductor MIC2583R-MYQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Micrel, Inc.
MIC2582/MIC2583
April 2009
5
M9999-043009-C
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)....................................... –0.3V to 20V
/POR, /FAULT, PWRGD pins.......................... –0.3V to 15V
SENSE pin ............................................ –0.3V to VCC+0.3V
ON pin
............................................ –0.3V to VCC+0.3V
GATE pin
..................................................... –0.3V to 20V
FB Input pins ..................................................... –0.3V to 6V
Junction Temperature .............................................. +125°C
Lead Temperature
Standard Package (-JBM and –xBQS)
(IR Reflow, Peak Temperature) ..240°C + 0°C/-5°C
Pb-Free Package (-xYM or –xYQS)
(IR Reflow, Peak Temperature) ..260°C + 0°C/-5°C
EDS Rating
Human body model.................................................. 2kV
Machine model ......................................................100V
Operating Ratings
(2)
Supply Voltage (VCC).................................. +2.3V to +13.2V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
SOIC (
θ
JA) ........................................................ 163°C/W
QSOP (
θ
JA) ...................................................... 112°C/W
Electrical Characteristics
(3)
VCC = 5.0V, TA = 25°C unless noted. Bold values indicate –40°C ≤ TA ≤ +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.3
13.2
V
ICC
Supply Current
VON = 2V
1.5
2.5
mA
VTRIPSLOW
42
50
59
VTRIPFAST
(MIC2582-Jxx)
100
mV
VTRIP
Circuit Breaker Trip Voltage
(Current Limit Threshold)
VTRIP = VCC − VSENSE
VTRIPFAST
(MIC2583/83R) X = J
X = K
X = L
85
130
175
100
150
200
110
170
225
mV
mV
mV
VCC > 3V
7
8
9
V
VGS
External Gate Drive
VGATE − VCC
VCC = 2.3V
3.5
4.8
6.5
V
Start Cycle, VGATE = 0V, VCC = 13.2V
−30
17
−8
µA
IGATE
GATE Pin Pull-Up Current
VCC = 2.3V
−26
17
−8
µA
VCC = 13.2V, Note 4
100
µA
VCC = 2.3V, Note 4
50
µA
IGATEOFF
GATE Pink Sink Current
VGATE > 1V
/FAULT = 0
(MIC2583/83R only)
Turn Off
110
µA
VCC − VSENSE > VTRIPSLOW (timer on)
−8.5
−6.5
−4.5
µA
ITIMER
Current Limit/Overcurrent Timer
(CFILTER) Current
(MIC2583/83R)
VCC − VSENSE > VTRIPSLOW (timer off)
4.5
6.5
8.5
µA
Timer on
−3.5
2.5
−1.5
µA
ICPOR
Power-On-Reset Timer Current
Timer off
0.5
1.3
mA
VTH
POR Delay and Overcurrent
Timer (CFILTER) Threshold
VCPOR rising
VCFILTER rising (MIC2583/83R only)
1.19
1.245
1.30
V
VCC rising
2.1
2.2
2.3
V
VUV
Undervoltage Lockout Threshold
VCC falling
1.90
2.05
2.20
V
VUVHYS
Undervoltage Lockout Hysteresis
150
mV
ON rising
1.19
1.24
1.29
V
VON
ON Pin Threshold Voltage
2.3V
≤ VCC ≤ 13.2V
ON falling
1.14
1.19
1.24
V
VONHYS
ON Pin Hysteresis
50
mV


Similar Part No. - MIC2583R-MYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2583R-MYQS MICREL-MIC2583R-MYQS Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2583R-MYQS MICROCHIP-MIC2583R-MYQS Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
More results

Similar Description - MIC2583R-MYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com