Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2215-MMMBML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2215-MMMBML
Description  Triple High PSRR, Low Noise 關Cap LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2215-MMMBML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2215-MMMBML Datasheet HTML 1Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 2Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 3Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 4Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 5Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 6Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 7Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 8Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC2215
January 2007
3
M9999-011207
Pin Configuration
OUT1
VIN1
VIN2
OUT2
VIN3
GND
GND
BYP
OUT1
VIN1
VIN2
OUT2
VIN3
GND
GND
BYP
MIC2215-xxx_ML (ML)
(Fixed)
MIC2215-AAA_ML (ML)
(Adjustable)
Pin Description
Pin Number
Pin Name
Pin Function
1
VOUT1
Output voltage of regulator 1 (250mA). Connect externally to pin 16.
2
VIN1
Supply input of regulator 1 (highest input voltage required for common circuitry).
3
VIN2
Supply input of regulator 2.
4
VOUT2
Output voltage of regulator 2 (250mA). For fixed output device, connect pins 4
and 5 externally.
VOUT2
(Fixed)
Output voltage of regulator 2 (250mA). For fixed output device, connect pins 4
and 5 externally.
5
ADJ2
(Adj.)
Adjust Input. Feedback input for regulator 2.
6
EN1
Enable input to regulator 1. Enables regulator 1 output. Active high input.
High = on, low = off.
7
EN2
Enable input to regulator 2. Enables regulator 2 output. Active high input.
High = on, low = off.
8
EN3
Enable input to regulator 3. Enables regulator 3 output. Active high input.
High = on, low = off.
9
CBYP
Reference Bypass: Connect external 0.01µF to GND to reduce output noise.
May be left open.
10
GND
Ground.
11
GND
Ground.
12
VIN3
Supply input of regulator 3.
13
VOUT3
Output voltage of regulator 3 (250mA). For fixed output device, connect pins 13
and 14 externally.
VOUT3
(Fixed)
Output voltage of regulator 3 (250mA). For fixed output device, connect pins 13
and 14 externally.
14
ADJ3
(Adj.)
Adjust Input. Feedback input for regulator 3.
NC
(Fixed)
No Connect. Not internally connected.
15
ADJ1
(Adj.)
Adjust Input. Feedback input for regulator 1.
16
VOUT1
Output voltage of regulator 1 (250mA). Connect externally to pin 1.
Exposed Pad
GND
Ground.


Similar Part No. - MIC2215-MMMBML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2215-MYMLTR MICROCHIP-MIC2215-MYMLTR Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
More results

Similar Description - MIC2215-MMMBML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
   Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
   Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com