Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2230-GSYML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2230-GSYML
Description  Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2230-GSYML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2230-GSYML Datasheet HTML 4Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 5Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 6Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 7Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 8Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 9Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 10Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 11Page - Micrel Semiconductor MIC2230-GSYML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Micrel, Inc.
MIC2230
April 2010
8
M9999-040810-C
Functional Characteristics
VIN = 3.6V, VOUT = 1.8V, L = 2.2µH, /FPWM = 0
VIN = 3.6V, VOUT = 1.8V, L = 2.2µH, /FPWM = 3.6V


Similar Part No. - MIC2230-GSYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2230-GSYML MICREL-MIC2230-GSYML Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
More results

Similar Description - MIC2230-GSYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com