Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2225-GFYMT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2225-GFYMT
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225-GFYMT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2225-GFYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2225-GFYMT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC2225
February 2008
6
M9999-022008-D
Typical Characteristics (DC-DC)
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2 0.3
0.4 0.5 0.6
LOAD CURRENT (A)
1.2V Efficiency @ –40°C
2.7VIN
5.5VIN
3.6VIN
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2 0.3
0.4 0.5 0.6
LOAD CURRENT (A)
1.2V Efficiency @ 25°C
2.7VIN
5.5VIN
3.6VIN
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2 0.3 0.4 0.5 0.6
LOAD CURRENT (A)
1.2V Efficiency @ 70°C
2.7VIN
5.5VIN
3.6VIN
0
25
50
75
100
125
150
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
VOUT = 1.2V
LOAD = 0
ENLDO = 0V
EN = VIN
0
200
400
600
800
1000
1200
Quiescent Current
vs. Load Current
VOUT = 1.2V
EN = VIN
ENLDO = 0V
40
60
LOAD CURRENT (mA)
30
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
VOUT = 1.19V
ENLDO = 5V
0
10
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Turn-On Time
vs. Input Voltage
VOUT = 1.19V
VLDO = 2.8V
ENLDO = 5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Peak Current Limit
vs. Input Voltage
VOUT = 1.2V
EN = ENLDO = VIN
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
VOUT = 1.2V
LOAD = 0
ENLDO = VIN


Similar Part No. - MIC2225-GFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225-GFYMT MICREL-MIC2225-GFYMT Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results

Similar Description - MIC2225-GFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
   The Synchronous Buck Converter with 300mA LDO
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com