Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2168 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2168
Description  1MHz PWM Synchronous Buck Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2168_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 9Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 10Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 11Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 12Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 13Page - Micrel Semiconductor MIC2168_05 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MIC2168
Micrel, Inc.
M9999-040805
10
April 2005
I
I
max
D (1 D)
C (rms)
OUT
IN
×
× −
(
)
The power dissipated in the input capacitor is:
P
I
R
DISS(C
)
C (rms)
ESR(C
)
IN
IN
2
IN
=
×
Voltage Setting Components
The MIC2168 requires two resistors to set the output voltage
as shown in Figure 2.
Error
Amp
7
MIC2168 [adj.]
FB
VREF
0.8V
R2
R1
Figure 2. Voltage-Divider Configuration
Where:
VREF for the MIC2168 is typically 0.8V
The output voltage is determined by the equation:
V
V
1
R1
R2
O
REF
=
× +


A typical value of R1 can be between 3kΩ and 10kΩ. If R1 is
too large, it may allow noise to be introduced into the voltage
feedback loop. If R1 is too small, in value, it will decrease the
efficiency of the power supply, especially at light loads. Once
R1 is selected, R2 can be calculated using:
R2
V
R1
V
V
REF
O
REF
=
×
External Schottky Diode
An external freewheeling diode is used to keep the inductor
current flow continuous while both MOSFETs are turned off.
This dead time prevents current from flowing unimpeded
through both MOSFETs and is typically 15ns. The diode
conducts twice during each switching cycle. Although the
average current through this diode is small, the diode must
be able to handle the peak current.
The reverse voltage requirement of the diode is:
V
V
DIODE(rrm)
IN
=
The power dissipated by the Schottky diode is:
P
I
V
DIODE
D(avg)
F
=
×
where:
VF = forward voltage at the peak diode current
The external Schottky diode, D1, is not necessary for circuit
operation since the low-side MOSFET contains a parasitic
body diode. The external diode will improve efficiency and
decrease high frequency noise. If the MOSFET body diode
is used, it must be rated to handle the peak and average cur-
rent. The body diode has a relatively slow reverse recovery
time and a relatively high forward voltage drop. The power
lost in the diode is proportional to the forward voltage drop
of the diode. As the high-side MOSFET starts to turn on, the
body diode becomes a short circuit for the reverse recovery
period, dissipating additional power. The diode recovery and
the circuit inductance will cause ringing during the high-side
MOSFET turn-on. An external Schottky diode conducts at
a lower forward voltage preventing the body diode in the
MOSFET from turning on. The lower forward voltage drop
dissipates less power than the body diode. The lack of a
reverse recovery mechanism in a Schottky diode causes
less ringing and less power loss. Depending on the circuit
components and operating conditions, an external Schottky
diode will give a 1/2% to 1% improvement in efficiency.
Feedback Loop Compensation
The MIC2168 controller comes with an internal transcon-
ductance error amplifier used for compensating the voltage
feedback loop by placing a capacitor (C1) in series with a
resistor (R1) and another capacitor C2 in parallel from the
COMP pin to ground. See “Functional Block Diagram.”
Power Stage
The power stage of a voltage mode controller has an induc-
tor, L1, with its winding resistance (DCR) connected to the
output capacitor, COUT, with its electrical series resistance
(ESR) as shown in Figure 3. The transfer function G(s), for
such a system is:
ESR
COUT
VO
DCR
L
Figure 3. The Output LC Filter in a Voltage Mode
Buck Converter
(1 + ESR × s × C)


-
G
(S)
DCR × s × C + s2 × L × C + 1 + ESR × s × C
Plottingthistransferfunctionwiththefollowingassumedvalues
(L=2 µH, DCR=0.009Ω, COUT=1000µF, ESR=0.050Ω) gives
lot of insight as to why one needs to compensate the loop by
adding resistor and capacitors on the COMP pin. Figures 4
and 5 show the gain curve and phase curve for the above
transfer function.


Similar Part No. - MIC2168_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168ABMM MICREL-MIC2168ABMM Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168AYMM MICREL-MIC2168AYMM Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168AYMM MICREL-MIC2168AYMM Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results

Similar Description - MIC2168_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com