Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3117800BSJ-70 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3117800BSJ-70
Description  2M x 8-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117800BSJ-70 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3117800BSJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3117800BSJ-70 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Semiconductor Group
9
HYB 3117800BSJ-50/-60/-70
2M x 8-DRAM
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle
time
tPRWC
71
80
95
ns
CAS precharge to WE
tCPWD
48
55
65
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5–5
–5–
ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS tWRH
10
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
tCPT
35
40
40
ns
Test Mode
CAS hold time
tCHRT
30
30
30
ns
Write command setup time
tWTS
10
10
10
ns
Write command hold time
tWTH
10
10
10
ns
Self Refresh Cycle
RAS pulse width
tRASS
100k
100k
100k
ns
17
RAS precharge time
tRPS
95
110
130
ns
17
CAS hold time
tCHS
-50
-50
-50
ns
17
AC Characteristics (cont’d) 5)6)
16F
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB3117800BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB3117800BSJ-60 SIEMENS-HYB3117800BSJ-60 Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
More results

Similar Description - HYB3117800BSJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com