Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8895RQ Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KSZ8895RQ
Description  Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8895RQ Datasheet(HTML) 1 Page - Micrel Semiconductor

  KSZ8895RQ Datasheet HTML 1Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 2Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 3Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 4Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 5Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 6Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 7Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 8Page - Micrel Semiconductor KSZ8895RQ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
KSZ8895MQ/RQ/FMQ
Integrated 5-Port 10/100 Managed Ethernet
Switch with MII/RMII interface
Rev. 1.5
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2012
M9999-032612-1.5
General Description
The KSZ8895MQ/RQ/FMQ is a highly-integrated,
Layer 2-managed, five-port switch with numerous
features designed to reduce system cost. Intended for
cost-sensitive 10/100Mbps five-port switch systems
with low power consumption, on-chip termination, and
internal
core
power
controllers,
it
supports
high-performance memory bandwidth and shared
memory-based
switch
fabric
with
non-blocking
configuration. Its extensive feature set includes power
management, programmable rate limit and priority
ratio,
tag/port-based
VLAN,
packets
filtering,
four-queue QoS prioritization, management interfaces,
and MIB counters. The KSZ8895 family provides
multiple CPU data interfaces to effectively address
both current and emerging fast Ethernet applications
when port 5 is configured to separate MAC5 with
SW5-MII/RMII and PHY5 with P5-MII/RMII interfaces.
The KSZ8895 family offers three configurations,
providing the flexibility to meet different requirements:
KSZ8895MQ: Five 10/100Base-T/TX transceivers,
one SW5-MII and one P5-MII interface
KSZ8895RQ: Five 10/100Base-T/TX transceivers,
one SW5-RMII and one P5-RMII interface
KSZ8895FMQ: Three 10/100Base-T/TX
transceivers on Ports 1, 2, 5 and two 100Base-FX
transceivers on Ports 3, 4, one SW5-MII and one
P5-MII interface
All registers of MACs and PHYs units can be
managed by the SPI or the SMI interface. MIIM
registers can be accessed through the MDC/MDIO
interface. EEPROM can set all control registers for the
unmanaged mode.
Functional Diagram
Note: SW5 indicates the MAC5 of the switch side, P5 indicates the PHY5 of the Port 5.


Similar Part No. - KSZ8895RQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KSZ8895RQ INFINEON-KSZ8895RQ Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Micrel Semiconductor
KSZ8895RQ MICREL-KSZ8895RQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895RQ MICREL-KSZ8895RQ Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
More results

Similar Description - KSZ8895RQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
   Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com