Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2012PZM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2012PZM
Description  USB Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012PZM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2012PZM Datasheet HTML 2Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 3Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 4Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 5Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 6Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 7Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 8Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 9Page - Micrel Semiconductor MIC2012PZM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
6
January 2005
Timing Diagrams
VEN
50%
90%
VOUT
10%
tOFF
tON
Figure 2. MIC2012/72-1
VEN
50%
90%
VOUT
10%
tOFF
tON
Figure 3. MIC2012/72-2
Output shorted to ground
VOUT
FAULT#
ILIMIT
tOC
tDLY
IOUT
Figure 4. Overcurrent Response Timing
MAIN
tH
S3#
1.5V
tS
1.5V
Figure 5. MAIN to S3# Timing


Similar Part No. - MIC2012PZM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2012PZM MICREL-MIC2012PZM Datasheet
695Kb / 16P
   USB Power Controller
More results

Similar Description - MIC2012PZM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010_05 Datasheet
1,020Kb / 13P
   USB Power Controller
MIC2012 MICREL-MIC2012_05 Datasheet
695Kb / 16P
   USB Power Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
   USB Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
   USB Power Delivery 3.0 Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com