Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5320-OGYD6 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5320-OGYD6
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-OGYD6 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5320-OGYD6 Datasheet HTML 1Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 2Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 3Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 4Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5320-OGYD6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
5
M9999-021111-H
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................0V to +6V
Enable Input Voltage (VEN)...........................0V to +6V
Power Dissipation………………… Internally Limited
(3)
Lead Temperature (soldering, 3sec) ..................260°C
Storage Temperature (TS)................ –65°C to +150°C
ESD Rating
(4) .........................................................2kV
Operating Ratings(2)
Supply Voltage (VIN).............................. +2.3V to +5.5V
Enable Input Voltage (VEN).............................. 0V to VIN
Junction Temperature (TJ) ................. –40°C to +125°C
Junction Thermal Resistance
Thin MLF-6 / MLF-6 (
θJA) ........................ 100°C/W
TSOT-6 (
θJA) ........................................... 235°C/W
Electrical Characteristics(5)
VIN = EN1 = EN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF;
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 150mA
0.5
2
%
Dropout Voltage
(6)
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
0.1
12
25
35
50
75
100
mV
mV
mV
mV
Ground Current
EN1 = High; EN2 = Low; IOUT = 100µA to 150mA
EN1 = Low; EN2 = High; IOUT = 100µA to 150mA
EN1 = EN2 = High; IOUT1 = 150mA, IOUT2 = 150mA
85
85
150
120
120
190
µA
µA
µA
Ground Current in Shutdown
EN1 = EN2 = 0V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF
f=20kHz; COUT = 1.0µF
65
45
dB
dB
Current Limit
VOUT = 0V
300
550
950
mA
Output Voltage Noise
COUT = 1.0µF; 10Hz to 100KHz
90
µVRMS
Enable Inputs (EN1 / EN2)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.1
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current
VIH ≥ 1.0V
0.01
1
µA
Turn-on Time (See Timing Diagram)
Turn-on Time (LDO1 and 2)
COUT = 1.0µF
30
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below 2.3V,
the dropout voltage is the input-to-output differential with the minimum input voltage 2.3V.


Similar Part No. - MIC5320-OGYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-OGYD6 MICREL-MIC5320-OGYD6 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-OGYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com