Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5320-SFYD6 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5320-SFYD6
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-SFYD6 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5320-SFYD6 Datasheet HTML 1Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 2Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 3Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 4Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5320-SFYD6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
3
M9999-021111-H
Part Number
Manufacturing
Part Number
Marking*
VOUT1/VOUT2**
Junction
Temp. Range
Package
MIC5320-3.0/3.0YML
MIC5320-PPYML
APP
3.0V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/1.8YML
MIC5320-SGYML
ASG
3.3V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.5YML
MIC5320-SJYML
ASJ
3.3V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.7YML
MIC5320-SLYML***
ASL
3.3V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-3.3/2.8YML
MIC5320-SMYML
ASM
3.3V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 MLF
®
MIC5320-1.8/1.5YD6
MIC5320-GFYD6
QAGF
1.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-1.8/1.8YD6
MIC5320-GGYD6
QAGG
1.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-1.8/1.6YD6
MIC5320-GWYD6***
QAGW
1.8V/1.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.4/1.5YD6
MIC5320-H4FYD6
QH4F
2.4V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.5/1.8YD6
MIC5320-JGYD6
QAJG
2.5V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.5/2.5YD6
MIC5320-JJYD6***
QAJJ
2.5V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.6/1.85YD6
MIC5320-KDYD6***
QAKD
2.6V/1.85
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.6/1.8YD6
MIC5320-KGYD6
QAKG
2.6V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.7/2.7YD6
MIC5320-LLYD6
QALL
2.7V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/1.5YD6
MIC5320-MFYD6
QAMF
2.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/1.8YD6
MIC5320-MGYD6
QAMG
2.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/2.6YD6
MIC5320-MKYD6
QAMK
2.8V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.8/2.8YD6
MIC5320-MMYD6
QAMM
2.8V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.85/1.85YD6
MIC5320-NDYD6***
QAND
2.85V/1.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.85/2.6YD6
MIC5320-NKYD6***
QANK
2.85V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.85/2.85YD6
MIC5320-NNYD6
QANN
2.85V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.9/1.5YD6
MIC5320-OFYD6***
QAOF
2.9V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.9/1.8YD6
MIC5320-OGYD6***
QAOG
2.9V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-2.9/2.9YD6
MIC5320-OOYD6***
QAOO
2.9V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/1.8YD6
MIC5320-PGYD6
QAPG
3.0V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/2.5YD6
MIC5320-PJYD6***
QAPJ
3.0V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/2.6YD6
MIC5320-PKYD6
QAPK
3.0V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/2.8YD6
MIC5320-PMYD6***
QAPM
3.0V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/2.85YD6
MIC5320-PNYD6***
QAPN
3.0V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.0/3.0YD6
MIC5320-PPYD6
QAPP
3.0V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/1.5YD6
MIC5320-SFYD6
QASF
3.3V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/1.8YD6
MIC5320-SGYD6
QASG
3.3V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.5YD6
MIC5320-SJYD6
QASJ
3.3V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.6YD6
MIC5320-SKYD6***
QASK
3.3V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.7YD6
MIC5320-SLYD6***
QASL
3.3V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.8YD6
MIC5320-SMYD6***
QASM
3.3V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.85YD6
MIC5320-SNYD6***
QASN
3.3V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/2.9YD6
MIC5320-SOYD6***
QASO
3.3V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/3.0YD6
MIC5320-SPYD6
QASP
3.3V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/3.2YD6
MIC5320-SRYD6***
QASR
3.3V/3.2V
–40°C to +125°C
6-Pin TSOT-23
MIC5320-3.3/3.3YD6
MIC5320-SSYD6
QASS
3.3V/3.3V
–40°C to +125°C
6-Pin TSOT-23
Notes
MLF® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
*
Under bar( _ )/Over bar ( ¯ ) symbol may not be to scale. Thin MLF (MT) package Pin 1 identified = ▲.
** For other voltages available. Contact Micrel for more details.
*** Contact Micrel Marketing for availability.


Similar Part No. - MIC5320-SFYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-SFYD6 MICREL-MIC5320-SFYD6 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-SFYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com