Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8842-16MQL-EVAl Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KSZ8842-16MQL-EVAl
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16MQL-EVAl Datasheet(HTML) 2 Page - Micrel Semiconductor

  KSZ8842-16MQL-EVAl Datasheet HTML 1Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 2Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 3Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 4Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 5Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 6Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 7Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 8Page - Micrel Semiconductor KSZ8842-16MQL-EVAl Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 141 page
background image
Micrel, Inc.
KSZ8842-16/32 MQL/MVL/MVLI/MBL
October 2007
2
M9999-102207-1.9
Features
Switch Management
• Non-blocking switch fabric assures fast packet
delivery by utilizing a 1K entry forwarding table
• Fully compliant with IEEE 802.3u standards
• Full-duplex IEEE 802.3x flow control (Pause) with
force mode option
• Half-duplex back pressure flow control
Advanced Switch Management
• IEEE 802.1Q VLAN support for up to 16 groups (full
range of VLAN IDs)
• VLAN ID tag/untag options, on a per port basis
• IEEE 802.1p/Q tag insertion or removal on a per port
basis (egress)
• Programmable rate limiting at the ingress and egress
ports
• Broadcast storm protection
• IEEE 802.1d spanning tree protocol support
• MAC filtering function to filter or forward unknown
unicast packets
• Direct forwarding mode enabling the processor to
identify the ingress port and to specify the egress port
• Internet Group Management Protocol (IGMP) v1/v2
snooping support for multicast packet filtering
• IPV6 Multicast Listener Discovery (MLD) snooping
support
Monitoring
• Port mirroring/monitoring/sniffing: ingress and/or
egress traffic to any port
• MIB counters for fully compliant statistics gathering –
34 MIB counters per port
• Loopback modes for remote failure diagnostics
Comprehensive Register Access
• Control registers configurable on-the-fly (port-priority,
802.1p/d/Q)
QoS/CoS Packets Prioritization Support
• Per port, 802.1p and DiffServ-based
• Remapping of 802.1p priority field on a per port basis
Power Modes, Packaging, and Power Supplies
• Full-chip hardware power-down (register configuration
not saved) allows low power dissipation
• Per port-based, software power-save on PHY (idle
link detection, register configuration preserved)
• Single power supply: 3.3V
• Commercial Temperature Range: 0°C to +70°C
• Industrial Temperature Range: –40°C to +85°C
(see Ordering Information)
• Available in 128-pin PQFP and 100-ball LFBGA
(optional package: 128-pin LQFP)
• Available in –16 version for 8/16-bit bus support and –
32 version for 32-bit bus support (see Ordering
Information).
Additional Features
In addition to offering all of the features of an integrated
Layer-2 managed switch, the KSZ8842M offers:
• Repeater mode capabilities to allow for cut through in
latency critical industrial Ethernet or embedded
Ethernet applications
• Dynamic buffer memory scheme
– Essential for applications such as Video over IP
where image jitter is unacceptable
• 2-port switch with a flexible 8, 16, or 32-bit generic
host processor interfaces
• Micrel LinkMDcable diagnostics to determine cable
length, diagnose faulty cables, and determine
distance-to-fault
• Hewlett Packard (HP) Auto-MDIX crossover with
disable and enable options
• Four priority queues to handle voice, video, data, and
control packets
• Ability to transmit and receive jumbo frame sizes up to
1916 bytes
Applications
• Video Distribution Systems
• High-end Cable, Satellite, and IP set-top boxes
• Video over IP
• Voice over IP (VoIP) and Analog Telephone Adapters
(ATA)
• Industrial Control in Latency Critical Applications
• Motion Control
• Industrial Control Sensor Devices (Temperature,
Pressure, Levels, and Valves)
• Security and Surveillance Cameras
Markets
Fast Ethernet
Embedded Ethernet
Industrial Ethernet


Similar Part No. - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-EVAL MICREL-KSZ8842-16MQL-EVAL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MQL-Eval MICREL-KSZ8842-16MQL-Eval Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16MQL-EVAl

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com