Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8842-16 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KSZ8842-16
Description  2-Port Ethernet Switch with Non-PCI Interface
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8842-16 Datasheet(HTML) 1 Page - Micrel Semiconductor

  KSZ8842-16 Datasheet HTML 1Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 2Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 3Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 4Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 5Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 6Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 7Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 8Page - Micrel Semiconductor KSZ8842-16 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
KSZ8842-16/32
MQL/MVL/MVLI/MBL
2-Port Ethernet Switch with Non-PCI Interface
Data Sheet Rev 1.9
LinkMD is a registered trademark of Micrel, Inc.
Product names used in this datasheet are for identification purposes only and may be trademarks of their respective companies
October 2007
1
M9999-102207-1.9
General Description
The KSZ8842-series of 2-port switches includes PCI and
non-PCI CPU interfaces, and are available in 8/16-bit
and 32-bit bus designs (see Ordering Information).
This datasheet describes the KSZ8842M-series of non-
PCI CPU interface chips. For information on the
KSZ8842 PCI CPU interface switches, refer to the
KSZ8842P datasheet.
The KSZ8842M is the industry’s first fully managed, 2-
port switch with a non-PCI CPU interface. It is based on
a proven, 4
th
generation, integrated Layer-2 switch,
compliant with IEEE 802.3u standards. Also an industrial
temperature
grade
version
of
the
KSZ8842,
the
KSZ8842MVLI,
can
be
ordered
(see
Ordering
Information).
The KSZ8842M can be configured as a switch or as a
low-latency (
≤ 310 nanoseconds) repeater in latency-
critical, embedded or industrial Ethernet applications.
For industrial applications, the KSZ8842M can run in
half-duplex mode regardless of the application.
LinkMD
®
The KSZ8842M offers an extensive feature set that
includes tag/port-based VLAN, quality of service (QoS)
priority management, management information base
(MIB) counters, and CPU control/data interfaces to
effectively address Fast Ethernet applications.
The KSZ8842M contains: Two 10/100 transceivers with
patented,
mixed-signal,
low-power
technology,
two
media access control (MAC) units, a direct memory
access (DMA) channel, a high-speed, non-blocking,
switch fabric, a dedicated 1K entry forwarding table, and
an on-chip frame buffer memory.
Functional Diagram
P1 H P A u to
MD I/ MD I - X
P2 H P A u to
MD I/ MD I - X
E m b e d d e d
P r o c e s s o r In te r fa c e
1K lo ok - u p
En g in e
S c he du lin g
M a nag em en t
B u ffe r
M a n age m e nt
Fr a m e
B u ffe r s
10 /1 00
MA C 1
10 /1 00
MA C 2
Sw itc h
Ho s t
MA C
1 0 /1 00 B a s e -
T/T X
PH Y 1
1 0 /1 00 B a s e -
T/T X
PH Y 2
EEPR O M
In te r fa c e
LE D
Dr iv e r s
MIB
Co u n te r s
P 1 LE D [3: 0]
P 2 LE D [3: 0]
EEP R O M I/F
N on- P C I
CP U
Bu s
In te r fa c e
Un i t
QM U
DM A
C h an ne l
Co n tr o l
R e gis ter s
RX Q
4K B
8 ,16 , or 32 - b it
G e n e r i c H o st
In te r fa c e
TX Q
4K B
Figure 1. KSZ8842M Functional Diagram


Similar Part No. - KSZ8842-16

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8842-16MBL MICREL-KSZ8842-16MBL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16MBL MICREL-KSZ8842-16MBL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results

Similar Description - KSZ8842-16

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com