Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2014-0.8YM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2014-0.8YM5
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2014-0.8YM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2014-0.8YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 11Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 12Page - Micrel Semiconductor MIC2014-0.8YM5 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
9
M9999-080211-D
Descriptions
These pin and signal descriptions aid in the
differentiation of a pin from electrical signals and
components connected to that pin. For example, VOUT
is the switch’s output pin, while VOUT is the electrical
signal output voltage present at the VOUT pin.
Pin Descriptions
Pin Name
Type
Description
VIN
Input
Supply input. This pin provides power to both the output switch and the switch’s internal control circuitry.
GND
Ground.
EN
Input
Switch Enable (Input):
FAULT/
Output
Fault status. A logic LOW on this pin indicates the switch is in current limiting, or has been shut down by
the thermal protection circuit. This is an open-drain output allowing logical OR’ing of multiple switches.
CSLEW
Input
Slew rate control. Adding a small value capacitor between this pin and VIN slows turn-ON of the power
FET.
VOUT
Output
Switch output. The load being driven by the switch is connected to this pin.
VUVLO
Input
Variable Under Voltage Lockout (VUVLO): Monitors the input voltage through a resistor divider between
VIN and GND. Shuts the switch off if voltage falls below the threshold set by the resistor divider.
Previously called VUVLO.
ILIMIT
Input
Set current limit threshold via a resistor connected from ILIMIT to GND.
EP
Thermal
On MLF packages connect EP to GND.
Signal Descriptions
Signal Name
Type
Description
VIN
Input
Electrical signal input voltage present at the VIN pin.
GND
Ground.
VEN
Input
Electrical signal input voltage present at the ENABLE pin.
VFAULT/
Output
Electrical signal output voltage present at the FAULT/ pin.
CSLEW
Component
Capacitance value connected to the CSLEW pin.
VOUT
Output
Electrical signal output voltage present at the VOUT pin.
VVUVLO_TH
Internal
VUVLO internal reference threshold voltage. This voltage is compared to the VUVLO pin input
voltage to determine if the switch should be disabled. Reference threshold voltage has a typical
value of 250mV.
CLOAD
Component
Capacitance value connected in parallel with the load. Load capacitance.
IOUT
Output
Electrical signal output current present at the VOUT pin.
ILIMIT
Internal
Switch’s current limit. Fixed at factory or user adjustable.


Similar Part No. - MIC2014-0.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2014-0.8YM5 MICREL-MIC2014-0.8YM5 Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2014-0.8YM5 MICREL-MIC2014-0.8YM5 Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2014-0.8YM5-TR MICROCHIP-MIC2014-0.8YM5-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2014-0.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com