Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5320-SPYD6 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5320-SPYD6
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-SPYD6 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5320-SPYD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 9Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 10Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 11Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 12Page - Micrel Semiconductor MIC5320-SPYD6 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
9
M9999-021111-H
Functional Characteristics
Enable Turn-On
Time (10µs/div )
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
Load Transient
Time (40µs/div )
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
150mA
10mA
Line Transient
Time (40µs/div )
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
IOUT = 10mA
5.5V
4V


Similar Part No. - MIC5320-SPYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-SPYD6 MICREL-MIC5320-SPYD6 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-SPYD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com