Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1AM-12A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR1AM-12A
Description  Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM-12A Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR1AM-12A_10 Datasheet HTML 1Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 2Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 3Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 4Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 5Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 6Page - Renesas Technology Corp BCR1AM-12A_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCR1AM-12A
Preliminary
R07DS0177EJ0300 Rev.3.00
Page 6 of 6
Sep 29, 2010
Package Dimensions
SC-43A
0.23g
MASS[Typ.]
T920
PRSS0003EA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
φ5.0Max
4.4
1.25
Circumscribed circle
φ0.7
1.25
Package Name
TO-92*
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Vinyl sack
500
Type name
BCR1AM-12A
Lead form
Vinyl sack
500
Type name – Lead forming code
BCR1AM-12A-A6
Form A8
Taping
2000
Type name – TB
BCR1AM-12A-TB
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR1AM-12A_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-12A RENESAS-BCR1AM-12A_15 Datasheet
91Kb / 7P
   600V-1A-Triac Low Power Use
More results

Similar Description - BCR1AM-12A_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com