Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB314171BJ-70 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB314171BJ-70
Description  3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB314171BJ-70 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB314171BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group HYB314171BJ-70 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HYB 314171BJ/BJL-50/-60/-70
3.3V 256 K x 16-DRAM
Semiconductor Group
9
Fast Page Mode Read Modify Write Cycle
Fast page mode read/write cycle
time
t
PRWC
80
90
100
ns
CAS precharge to WE delay time
t
CPWD
55
60
65
ns
CAS before RAS refresh Cycle
CAS setup time
t
CSR
5–5–5–ns
CAS hold tim
t
CHR
10
10
10
ns
RAS to CAS precharge time
t
RPC
0–0–0–ns
Write to RAS precharge time
t
WRP
10
10
10
ns
Write to RAS hold time
t
WRH
10
10
10
ns
CAS-before RAS counter test cycle
CAS precharge time
t
CPT
25
30
40
ns
Self Refresh Cycle (L-Version only)
RAS pulse width
t
RASS
100
100
100
µs
RAS precharge time
t
RPS
95
110
130
ns
CAS hold time Self Refresh
t
CHS
35
40
50
ns
Parameter
Symbol
Limit Values
Unit Note
-50
- 60
- 70
min.
max. min.
max. min.
max.


Similar Part No. - HYB314171BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314175BJ-50 SIEMENS-HYB314175BJ-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB314175BJ-55 SIEMENS-HYB314175BJ-55 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB314175BJ-60 SIEMENS-HYB314175BJ-60 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB314175BJL-50 SIEMENS-HYB314175BJL-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
More results

Similar Description - HYB314171BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Siemens Semiconductor G...
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com