Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB314100BJL-60 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB314100BJL-60
Description  4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB314100BJL-60 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB314100BJL-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB314100BJL-60 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Semiconductor Group
7
HYB 314100BJ/BJL-50/-60/-70
3.3V 4M x 1 DRAM
AC Characteristics
5)6)
T
A = 0 to 70 ˚C, VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.
Common Parameters
Random read or write cycle time
t
RC
95
110
130
ns
RAS precharge time
t
RP
35
40
50
ns
RAS pulse width
t
RAS
50
10k
60
10k
70
10k
ns
CAS pulse width
t
CAS
13
10k
15
10k
20
10k
ns
Row address setup time
t
ASR
0–0–0–ns
Row address hold time
t
RAH
8–10
10
–ns
Column address setup time
t
ASC
0–0–0–ns
Column address hold time
t
CAH
10
15
15
ns
RAS to CAS delay time
t
RCD
18
37
20
45
20
50
ns
RAS to column address delay
time
t
RAD
13
25
15
30
15
35
ns
RAS hold time
t
RSH
13
15
20
ns
CAS hold time
t
CSH
50
60
70
ns
CAS to RAS precharge time
t
CRP
5–5–5–ns
Transition time (rise and fall)
t
T
350
3
50
350
ns
7
Refresh period
t
REF
–16
16
–16
ms
Refresh period for L-version
t
REF
128
128
128
ms
Read Cycle
Access time from RAS
t
RAC
50
60
70
ns
8, 9
Access time from CAS
t
CAC
13
15
20
ns
8, 9
Access time from column
address
t
AA
25
30
35
ns
8,10
Column addr. to RAS lead time
t
RAL
25
30
35
ns
Read command setup time
t
RCS
0–0–0–ns
Read command hold time
t
RCH
0–0–0–ns
11
Read command hold time
referenced to RAS
t
RRH
0–0–0–ns
11
CAS to output in low-Z
t
CLZ
0–0–0–ns
8


Similar Part No. - HYB314100BJL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50 SIEMENS-HYB314171BJ-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-60 SIEMENS-HYB314171BJ-60 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-70 SIEMENS-HYB314171BJ-70 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJL-50 SIEMENS-HYB314171BJL-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
More results

Similar Description - HYB314100BJL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com