Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3517S03-T1D Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NE3517S03-T1D
Description  K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3517S03-T1D Datasheet(HTML) 5 Page - Renesas Technology Corp

  NE3517S03-T1D Datasheet HTML 1Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 2Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 3Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 4Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 5Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 6Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 7Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 8Page - Renesas Technology Corp NE3517S03-T1D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet PG10787EJ01V0DS
3
NE3517S03
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
250
200
150
100
50
50
0
100
150
200
250
100
80
60
40
20
0
1.0
2.0
Drain to Source Voltage VDS (V)
DRAIN CURRENT
vs. DRAIN TO SOURCE VOLTAGE
80
60
40
20
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
20
15
10
5
0
–5
50
45
40
35
30
25
20
15
10
5
0
20
19
18
17
16
15
14
13
12
11
10
–2.0
–1.0
0
–20
–15
–10
–5
0
5
10
Gate to Source Voltage VGS (V)
DRAIN CURRENT
vs. GATE TO SOURCE VOLTAGE
Input Power Pin (dBm)
OUTPUT POWER, DRAIN CURRENT,
GATE CURRENT vs. INPUT POWER
Frequency f (GHz)
MINIMUM NOISE FIGURE,
ASSOCIATED GAIN vs. FREQUENCY
12
14
16
10
18
24
20
22
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
VDS = 3 V, ID = 15 mA set
f = 20 GHz
VGS = 0 V
–0.2 V
ID
NFmin
Ga
IG
–0.4 V
–0.6 V
VDS = 2 V
VDS = 2 V
ID = 10 mA
Pout
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE3517S03-T1D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3517S03-T1D CEL-NE3517S03-T1D Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
NE3517S03-T1D-A CEL-NE3517S03-T1D-A Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
More results

Similar Description - NE3517S03-T1D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3517S03 CEL-NE3517S03 Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
Renesas Technology Corp
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02 Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3514S02 RENESAS-NE3514S02 Datasheet
202Kb / 11P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3521M04 RENESAS-NE3521M04_15 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
California Eastern Labs
NE3521M04 CEL-NE3521M04 Datasheet
653Kb / 9P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
logo
Renesas Technology Corp
NE3520S03-A RENESAS-NE3520S03-A Datasheet
505Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
NE3521M04 RENESAS-NE3521M04 Datasheet
414Kb / 10P
   N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com