Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3116405BJ-70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB3116405BJ-70
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BJ-70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB3116405BJ-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Semiconductor Group
1
3.96
4 194 304 words by 4-bit organization
0 to 70 °C operating temperature
Performance
Single + 3.3 V (± 0.3V ) supply
Low power dissipation
max. 396 active mW (HYB3117405BJ/BT-50)
max. 363 active mW (HYB3117405BJ/BT-60)
max. 330 active mW (HYB3117405BJ/BT-70)
max. 360 active mW (HYB3116405BJ/BT-50)
max. 324 active mW (HYB3116405BJ/BT-60)
max. 288 active mW (HYB3116405BJ/BT-70)
7.2 mW standby (LV-TTL)
3.6 mW standby (LV-CMOS)
720
µW standby for L-version
Output unlatched at cycle end allows two-dimensional chip selection
Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh,
Self Refresh and test mode
Hyper page mode (EDO) capability
All inputs, outputs and clocks fully TTL-compatible
2048 refresh cycles / 32 ms for HYB3117405
4096 refresh cycles / 64 ms for HYB3116405
Plastic Package:
P-SOJ-26/24-1
(300 mil)
P-TSOPII-26/24-1 (300mil)
-50
-60
-70
tRAC
RAS access time
50
60
70
ns
tCAC
CAS access time
13
15
20
ns
tAA
Access time from address
25
30
35
ns
tRC
Read/Write cycle time
84
104
124
ns
tHPC
Hyper page mode (EDO)
cycle time
20
25
30
ns
3.3V 4M x 4-Bit EDO-Dynamic RAM
Advanced Information
HYB3116405BJ/BT(L) -50/-60/-70
HYB3117405BJ/BT(L) -50/-60/-70


Similar Part No. - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJ-50 SIEMENS-HYB3116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116405BJ-60 SIEMENS-HYB3116405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com